| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KS0708 bảng dữ liệu(PDF) 19 Page - Samsung semiconductor |
|
|
|||||||||||||||||||||||||||||
KS0708 bảng dữ liệu(HTML) 19 Page - Samsung semiconductor |
|
19 / 27 page ![]() PRELIMINARY SPECIFICATION 64COM/128SEG DRIVE FOR DOT MATRIX LCD KS0708 19 M/M-96-D001 97-09-19 ¡á Set Display Start Line Sets the line address of display RAM to determine the display start line. The display data on the specified line of the display RAM is displayed at the top row COM1 of LCD panel. It is followed by the higher number of lines in ascending order corresponding to the determined duty cycle. When this instruction changes the display start line address, the LCD panel can be scrolled. RS RW DB7 DB6 DB5 DB4 DB3 DB2 DB0 DB0 0 0 1 1 Z5 Z4 Z3 Z2 Z1 Z0 Z5 Z4 Z3 Z2 Z1 Z0 Line address 0 0 0 0 0 0 0 0 0 0 0 0 1 1 : : : : : : : 1 1 1 1 1 0 62 1 1 1 1 1 1 63 ¡á Display ON/OFF Turns the display ON or OFF. RS RW DB7 DB6 DB5 DB4 DB3 DB2 DB0 DB0 0 0 0 0 1 1 1 1 1 D0 D0 = 1 : Display ON D0 = 0 : Display OFF |