| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
KS0708 bảng dữ liệu(PDF) 9 Page - Samsung semiconductor |
|
|
|||||||||||||||||||||||||||||
KS0708 bảng dữ liệu(HTML) 9 Page - Samsung semiconductor |
|
9 / 27 page ![]() PRELIMINARY SPECIFICATION 64COM/128SEG DRIVE FOR DOT MATRIX LCD KS0708 9 M/M-96-D001 97-09-19 Busy flag Busy flag indicates whether KS0708 is operating or not. When busy flag is high, KS0708 is in internal oper- ation. When low, KS0708 can accept the data or instruction. DB7 indicates busy flag of the KS0708. E BUSY FLAG TBUSY ¡Â 4/ fosc Figure 1. Busy timing Display Timing Generator Circuit This section explains how the timing generation circuit operates. - Signal generation to display start line counter and display data latch circuit. - The display clock(CLK2) generates a clock to the line counter. The display start line address of the display RAM is synchronized with the display clock. 128-bit display data is latched by the display data latch circuit in synchronization with the display clock and output to the segment LCD drive output pin. - LCD AC signal(M) generation. |