| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UPSD323X bảng dữ liệu(PDF) 42 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD323X bảng dữ liệu(HTML) 42 Page - STMicroelectronics |
|
42 / 176 page ![]() µPSD323X 42/176 Table 21. Description of the IEA Bits Table 22. Description of the IP Bits Table 23. Description of the IPA Bits Bit Symbol Function 7 EDDC Enable DDC interrupt 6 — Not used 5 — Not used 4 ES2 Enable 2nd USART interrupt 3 — Not used 2 — Not used 1 EI2C Enable I C interrupt 0 EUSB Enable USB interrupt Bit Symbol Function 7 — Reserved 6 — Reserved 5 PT2 Timer2 interrupt priority level 4 PS USART interrupt priority level 3 PT1 Timer1 interrupt priority level 2 PX1 External interrupt (Int1) priority level 1 PT0 Timer0 interrupt priority level 0 PX0 External interrupt (Int0) priority level Bit Symbol Function 7 PDDC DDC interrupt priority level 6 — Not used 5 — Not used 4 PS2 2nd USART interrupt priority level 3 — Not used 2 — Not used 1 PI2C I C interrupt priority level 0 PUSB USB interrupt priority level |