| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
201CHA390JSLE bảng dữ liệu(PDF) 7 Page - Hongfa Technology |
|
|
|||||||||||||||||||||||||||||
201CHA390JSLE bảng dữ liệu(HTML) 7 Page - Hongfa Technology |
|
7 / 8 page ![]() GaN Hybrid Power Amplifier HT0808-15A Korean Facilities : 82-31-8069-3036 / rfsales@rfhic.com All specifications may change without notice US Facility : 919-677-8780 / sales@rfhicusa.com 7 / 8 Version 1.0 Precautions This product is a Gallium Nitride Transistor. The Gallium Nitride Transistor requires a Negative Voltage Bias which operates alongside a Positive Voltage Bias. These Biases are applied in accordance to the Sequence during Turn-On and Turn-Off. The Pallet Amplifier does not have a built-in Bias Sequence Circuit. Therefore, users need to either apply positive voltages and negative voltages in the required sequence, or add an external Bias Circuit to this Amplifier. The required sequence for power supply is as follows. During Turn-On 1. Connect GND. 2. Apply Vgs1 and Vgs2. 3. Apply Vds. 4. Apply the RF Power. During Turn-Off 1. Turn off RF power. 2. Turn off Vds, and then, turn off the Vgs1 and Vgs2. 3. Remove all connections. Turn On Turn Off - Sequence Timing Diagram - |