công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPC82L52 bảng dữ liệu(PDF) 19 Page - Megawin Technology Co., Ltd

tên linh kiện MPC82L52
Giải thích chi tiết về linh kiện  Interrupt controller
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MEGAWIN [Megawin Technology Co., Ltd]
Trang chủ  http://www.megawin.com.tw/megawin_EN/Index.asp
Logo MEGAWIN - Megawin Technology Co., Ltd

MPC82L52 bảng dữ liệu(HTML) 19 Page - Megawin Technology Co., Ltd

Back Button MPC82L52 Datasheet HTML 15Page - Megawin Technology Co., Ltd MPC82L52 Datasheet HTML 16Page - Megawin Technology Co., Ltd MPC82L52 Datasheet HTML 17Page - Megawin Technology Co., Ltd MPC82L52 Datasheet HTML 18Page - Megawin Technology Co., Ltd MPC82L52 Datasheet HTML 19Page - Megawin Technology Co., Ltd MPC82L52 Datasheet HTML 20Page - Megawin Technology Co., Ltd MPC82L52 Datasheet HTML 21Page - Megawin Technology Co., Ltd MPC82L52 Datasheet HTML 22Page - Megawin Technology Co., Ltd MPC82L52 Datasheet HTML 23Page - Megawin Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 144 page
background image
MEGAWIN
MPC82x52 Data Sheet
19
6. Memory Organization
Like all 80C51 devices, the MPC82E/L52 has separate address spaces for program and data memory. The
logical separation of program and data memory allows the data memory to be accessed by 8-bit addresses,
which can be quickly stored and manipulated by the 8-bit CPU.
Program memory (ROM) can only be read, not written to. There can be up to 8K bytes of program memory. In
the MPC82E/L52, all the program memory are on-chip Flash memory, and without the capability of accessing
external program memory because of no External Access Enable (/EA) and Program Store Enable (/PSEN)
signals designed.
Data memory occupies a separate address space from program memory. In the MPC82E/L52, there is only a
256 bytes of internal scratch-pad RAM.
6.1. On-Chip Program Flash
Program memory is the memory which stores the program codes for the CPU to execute, as shown in Figure 6
–1.
After reset, the CPU begins execution from location 0000H, where should be the starting of the user‘s application
code. To service the interrupts, the interrupt service locations (called interrupt vectors) should be located in the
program memory. Each interrupt is assigned a fixed location in the program memory. The interrupt causes the
CPU to jump to that location, where it commences execution of the service routine. External Interrupt 0, for
example, is assigned to location 0003H. If External Interrupt 0 is going to be used, its service routine must begin
at location 0003H. If the interrupt is not going to be used, its service location is available as general purpose
program memory.
The interrupt service locations are spaced at an interval of 8 bytes: 0003H for External Interrupt 0, 000BH for
Timer 0, 0013H for External Interrupt 1, 001BH for Timer 1, etc. If an interrupt service routine is short enough (as
is often the case in control applications), it can reside entirely within that 8-byte interval. Longer service routines
can use a jump instruction to skip over subsequent interrupt locations, if other interrupts are in use.
Figure 6
–1. Program Memory
0000H
0003H
0013H
001BH
Interrupt
Locations
Reset
000BH
8 bytes
Program
Memory
1FFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com