công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MLX71122 bảng dữ liệu(PDF) 57 Page - Melexis Microelectronic Systems

tên linh kiện MLX71122
Giải thích chi tiết về linh kiện  300 to 930MHz FSK/FM/ASK Receiver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MELEXIS [Melexis Microelectronic Systems]
Trang chủ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX71122 bảng dữ liệu(HTML) 57 Page - Melexis Microelectronic Systems

Back Button MLX71122_16 Datasheet HTML 51Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 52Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 53Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 54Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 55Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 56Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 57Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 58Page - Melexis Microelectronic Systems MLX71122_16 Datasheet HTML 59Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 57 / 59 page
background image
MLX71122
300 to 930MHz FSK/FM/ASK Receiver
Datasheet
REVISION 014 – AUGUST, 2016
Page 57 of 59
390 10 71122 01
8. Reliability Information
This Melexis device is classified and qualified regarding soldering technology, solderability and moisture
sensitivity level, as defined in this specification, according to following test methods:
Reflow Soldering SMD’s (Surface Mount Devices)
 IPC/JEDEC J-STD-020
 “Moisture/Reflow Sensitivity Classification for Nonhermetic Solid State Surface Mount Devices
(classification reflow profiles according to table 5-2)”
Wave Soldering SMD’s (Surface Mount Devices)
 EN60749-20
 “Resistance of plastic- encapsulated SMD’s to combined effect of moisture and soldering heat”
Solderability SMD’s (Surface Mount Devices)
 EIA/JEDEC JESD22-B102
 “Solderability”
For all soldering technologies deviating from above mentioned standard conditions (regarding peak
temperature, temperature gradient, temperature profile etc) additional classification and qualification
tests have to be agreed upon with Melexis.
The application of Wave Soldering for SMD’s is allowed only after consulting Melexis regarding assurance
of adhesive strength between device and board.
9. ESD Precautions
Electronic semiconductor products are sensitive to Electro Static Discharge (ESD).
Always observe Electro Static Discharge control procedures whenever handling semiconductor products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59