công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32F413CGU6 bảng dữ liệu(PDF) 82 Page - STMicroelectronics

tên linh kiện STM32F413CGU6
Giải thích chi tiết về linh kiện  ARM-Cortex-M4 32b MCUFPU, 125 DMIPS, up to 1.5MB Flash, 320KB RAM, USB OTG FS, 1 ADC, 2 DACs, 2 DFSDMs
PDF  207 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F413CGU6 bảng dữ liệu(HTML) 82 Page - STMicroelectronics

Back Button STM32F413CGU6 Datasheet HTML 78Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 79Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 80Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 81Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 82Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 83Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 84Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 85Page - STMicroelectronics STM32F413CGU6 Datasheet HTML 86Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 207 page
background image
Electrical characteristics
STM32F413xG/H
82/207
DocID029162 Rev 2
VIN
Input voltage on
RST, FT and TC pins(7)
2 V
≤ VDD ≤ 3.6 V
–0.3
-
5.5
V
VDD ≤ 2 V
–0.3
-
5.2
Input voltage on TTa pins
-
- 0.3
-
VDDA + 0.3
Input voltage on BOOT0 pin
-
0
-
9
PD
Power dissipation at
TA = 85°C for range 6 or
TA = 105°C for range 7(8)
UFQFPN48
-
-
625
mW
WLCSP81
-
-
504
LQFP64
-
-
426
LQFP100
-
-
465
LQFP144
-
571
UFBGA100
-
-
351
UFBGA144
-
-
417
Power dissipation at
TA = 125°C for range 3(8)
UFQFPN48
-
-
156
WLCSP81
-
-
126
LQFP64
-
-
106
LQFP100
-
-
116
LQFP144
-
-
143
UFBGA100
-
-
088
UFBGA144
-
-
104
TA
Ambient temperature for
range 6
Maximum power dissipation
–40
-
85
°C
Low power dissipation(9)
–40
-
105
Ambient temperature for
range 7
Maximum power dissipation
–40
-
105
Low power dissipation(9)
–40
-
125
Ambient temperature for
range 3
Maximum power dissipation
–40
-
125
Low power dissipation(9)
–40
-
130
TJ
Junction temperature range
Range 6
–40
-
105
Range 7
–40
-
125
Range 3
–40
-
130
1. VDD/VDDA minimum value of 1.7 V with the use of an external power supply supervisor (refer to Section 3.17.2: Internal
reset OFF).
2. When the ADC is used, refer to Table 74: ADC characteristics.
3. If VREF+ pin is present, it must respect the following condition: VDDA-VREF+ < 1.2 V.
4. It is recommended to power VDD and VDDA from the same source. A maximum difference of 300 mV between VDD and
VDDA can be tolerated during power-up and power-down operation.
5. Only the DM (PA11) and DP (PA12) pads are supplied through VDDUSB. For application where the VBUS (PA9) is directly
connected to the chip, a minimum VDD supply of 2.7V is required.
(some application examples are shown in appendix B)
6. Guaranteed by test in production
7. To sustain a voltage higher than VDD+0.3, the internal Pull-up and Pull-Down resistors must be disabled
Table 16. General operating conditions (continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com