| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LAN8742Ai-CZ bảng dữ liệu(PDF) 80 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN8742Ai-CZ bảng dữ liệu(HTML) 80 Page - Microchip Technology |
|
80 / 124 page ![]() LAN8742A/LAN8742Ai DS00001989A-page 80 2013-2015 Microchip Technology Inc. 4.2.22 PHY SPECIAL CONTROL/STATUS REGISTER Index (In Decimal): 31 Size: 16 bits Bits Description Type Default 15:13 RESERVED RO - 12 Autodone Auto-negotiation done indication: 0 = Auto-negotiation is not done or disabled (or not active). 1 = Auto-negotiation is done. RO 0b 11:5 RESERVED - Write as 0000010b, ignore on read. R/W 0000010b 4:2 Speed Indication HCDSPEED value: 001 = 10BASE-T half-duplex 101 = 10BASE-T full-duplex 010 = 100BASE-TX half-duplex 110 = 100BASE-TX full-duplex RO XXXb 1:0 RESERVED RO - |