| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LAN8742Ai-CZ bảng dữ liệu(PDF) 78 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN8742Ai-CZ bảng dữ liệu(HTML) 78 Page - Microchip Technology |
|
78 / 124 page ![]() LAN8742A/LAN8742Ai DS00001989A-page 78 2013-2015 Microchip Technology Inc. 4.2.20 INTERRUPT SOURCE FLAG REGISTER Index (In Decimal): 29 Size: 16 bits Bits Description Type Default 15:9 RESERVED RO - 8 INT8 0 = Not source of interrupt 1 = Wake on LAN (WoL) event detected RO/LH 0b 7 INT7 0 = Not source of interrupt 1 = ENERGYON generated RO/LH 0b 6 INT6 0 = Not source of interrupt 1 = Auto-Negotiation complete RO/LH 0b 5 INT5 0 = Not source of interrupt 1 = Remote Fault Detected RO/LH 0b 4 INT4 0 = Not source of interrupt 1 = Link Down (link status negated) RO/LH 0b 3 INT3 0 = Not source of interrupt 1 = Auto-Negotiation LP Acknowledge RO/LH 0b 2 INT2 0 = Not source of interrupt 1 = Parallel Detection Fault RO/LH 0b 1 INT1 0 = Not source of interrupt 1 = Auto-Negotiation Page Received RO/LH 0b 0 RESERVED RO 0b |