công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MLX75305 bảng dữ liệu(PDF) 8 Page - Melexis Microelectronic Systems

tên linh kiện MLX75305
Giải thích chi tiết về linh kiện  Light-to-Voltage SensorEyeC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MELEXIS [Melexis Microelectronic Systems]
Trang chủ  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems

MLX75305 bảng dữ liệu(HTML) 8 Page - Melexis Microelectronic Systems

Back Button MLX75305 Datasheet HTML 4Page - Melexis Microelectronic Systems MLX75305 Datasheet HTML 5Page - Melexis Microelectronic Systems MLX75305 Datasheet HTML 6Page - Melexis Microelectronic Systems MLX75305 Datasheet HTML 7Page - Melexis Microelectronic Systems MLX75305 Datasheet HTML 8Page - Melexis Microelectronic Systems MLX75305 Datasheet HTML 9Page - Melexis Microelectronic Systems MLX75305 Datasheet HTML 10Page - Melexis Microelectronic Systems MLX75305 Datasheet HTML 11Page - Melexis Microelectronic Systems MLX75305 Datasheet HTML 12Page - Melexis Microelectronic Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MLX75305
Datasheet
Page 8 of 12
REVISION 9 - OCTOBER 17, 2016
[390107530501]
10. Timing diagrams
Definition of the electrical setup-time
Definition of the rise and fall times
Figure 4
11. Applications Information
A typical connection diagram is shown in the figure below. A load resistor RL is needed to get the voltage level out. The load
capacitance CL is typically formed by the input capacitance of the component that is connected to the sensor output, the
wiring capacitance and the output capacitance of the sensor itself.
Vdd
R
L
C
L
1
3
2
MLX75305
E
e
OUT
Figure 5
Decoupling capacitors between Vdd and Vss (1uF in parallel with 100nF) are highly recommended in all configurations.
Recommendation: every change in the application should be agreed by both parties.
V
dd
V
dd
t
V
OUT
0.95V
OUT
t
t
setup
Stable V
dd
Unstable V
dd
1.05V
OUT
V
OUT=0.5Vdd
E
E
e>1mW/cm²
t
V
OUT
0.5V
OUT
t
0.1V
OUT
t
f
t
r
t
on
t
off
0.9V
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com