| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BLUENRG-1 bảng dữ liệu(PDF) 37 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BLUENRG-1 bảng dữ liệu(HTML) 37 Page - STMicroelectronics |
|
37 / 173 page ![]() BlueNRG-1 Functional details DocID028866 Rev 1 37/173 3.7.2.4 Programmable data width, data alignment and endianness When PSIZE and MSIZE are not equal, the DMA performs some data alignments as described in Table 35: "Programmable data width and endian behavior (when bits PINC = MINC = 1)": Programmable data width & endian behavior (when bits PINC = MINC = 1). Table 35: Programmable data width and endian behavior (when bits PINC = MINC = 1) Source port width Destination port width Number of data items to transfer (NDT) Source content: address/data Transfer operations Destination content: address/data 8 8 4 @0x0 / B0 1: READ B0[7:0] @0x0 then WRITE B0[7:0] @0x0 @0x0 / B0 @0x1 / B1 2: READ B1[7:0] @0x1 then WRITE B0[7:0] @0x1 @0x1 / B1 @0x2 / B2 3: READ B2[7:0] @0x2 then WRITE B0[7:0] @0x2 @0x2 / B2 @0x3 / B3 4: READ B3[7:0] @0x3 then WRITE B0[7:0] @0x3 @0x3 / B3 8 16 4 @0x0 / B0 1: READ B0[7:0] @0x0 then WRITE 00B0[15:0] @0x0 @0x0 / 00B0 @0x1 / B1 2: READ B1[7:0] @0x1 then WRITE 00B0[15:0] @0x2 @0x2 / 00B1 @0x2 / B2 3: READ B2[7:0] @0x2 then WRITE 00B0[15:0] @0x4 @0x4 / 00B2 @0x3 / B3 4: READ B3[7:0] @0x3 then WRITE 00B0[15:0] @0x6 @0x6 / 00B3 8 32 4 @0x0 / B0 1: READ B0[7:0] @0x0 then WRITE 000000B0[31:0] @0x0 @0x0 / 000000B0 @0x1 / B1 2: READ B1[7:0] @0x1 then WRITE 000000B0[31:0] @0x4 @0x4 / 000000B1 @0x2 / B2 3: READ B2[7:0] @0x2 then WRITE 000000B0[31:0] @0x8 @0x8 / 000000B2 @0x3 / B3 4: READ B3[7:0] @0x3 then WRITE 000000B0[31:0] @0xC @0xC / 000000B3 16 8 4 @0x0 / B1B0 1: READ B1B0[15:0] @0x0 then WRITE B0[7:0] @0x0 @0x0 / B0 |