công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SST49LF080A bảng dữ liệu(PDF) 11 Page - Microchip Technology

tên linh kiện SST49LF080A
Giải thích chi tiết về linh kiện  8 Mbit LPC Flash
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST49LF080A bảng dữ liệu(HTML) 11 Page - Microchip Technology

Back Button SST49LF080A Datasheet HTML 7Page - Microchip Technology SST49LF080A Datasheet HTML 8Page - Microchip Technology SST49LF080A Datasheet HTML 9Page - Microchip Technology SST49LF080A Datasheet HTML 10Page - Microchip Technology SST49LF080A Datasheet HTML 11Page - Microchip Technology SST49LF080A Datasheet HTML 12Page - Microchip Technology SST49LF080A Datasheet HTML 13Page - Microchip Technology SST49LF080A Datasheet HTML 14Page - Microchip Technology SST49LF080A Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
©2014 Silicon Storage Technology, Inc.
DS20005086B
11/14
11
8 Mbit LPC Flash
SST49LF080A
Data Sheet
Figure 5: LPC Read Cycle Waveform
Table 5: LPC Read Cycle
Clock
Cycle
Field
Name
Field
Contents
LAD[3:0]1
LAD[3:0]
Direction
Comments
1
START
0000
IN
LFRAME# must be active (low) for the part to respond.
Only the last start field (before LFRAME# transitions
high) should be recognized.
2
CYCTYPE
+ DIR
010X
IN
Indicates the type of cycle. Bits 3:2 must be “01b” for memory
cycle. Bit 1 indicates the type of transfer “0” for Read. Bit 0 is
reserved.
3-10
ADDRESS
YYYY
IN
Address Phase for Memory Cycle. LPC protocol sup-
ports a 32-bit address phase. YYYY is one nibble of the
entire address. Addresses are transferred most-signifi-
cant nibble fist. See Table 3 for address bits definition
and Table 4 for valid memory address range.
11
TAR0
1111
IN
then Float
In this clock cycle, the host has driven the bus to all 1s
and then floats the bus. This is the first part of the bus
“turnaround cycle.”
12
TAR1
1111 (float)
Float
then OUT
The SST49LF080A takes control of the bus during this
cycle
13
SYNC
0000
OUT
The SST49LF080A outputs the value 0000b indicating
that data will be available during the next clock cycle.
14
DATA
ZZZZ
OUT
This field is the least-significant nibble of the data byte.
15
DATA
ZZZZ
OUT
This field is the most-significant nibble of the data byte.
16
TAR0
1111
OUT
then Float
In this clock cycle, the SST49LF080A has driven the bus
to all 1s and then floats the bus. This is the first part of
the bus “turnaround cycle.”
17
TAR1
1111 (float)
Float
then IN
The host takes control of the bus during this cycle
T5.0 25026
1. Field contents are valid on the rising edge of the present clock cycle.
1235 F04.0
LCLK
CE#
LFRAME#
LAD[3:0]
0000b
010Xb
A[23:20] A[19:16]
A[3:0]
A[7:4]
A[11:8]
A[15:12]
1111b
Tri-State
2Clocks
TAR0
Load Address in 8 Clocks
Address
1Clock 1Clock
Start
CYCTYPE
+
DIR
TAR
1Clock
Sync
Data
Data Out 2 Clocks
0000b
D[7:4]
D[3:0]
A[31:28] A[27:24]
TAR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com