| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB2507 bảng dữ liệu(PDF) 28 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB2507 bảng dữ liệu(HTML) 28 Page - Microchip Technology |
|
28 / 42 page ![]() USB2507 DS000002251A-page 28 2007 - 2016 Microchip Technology Inc. Note 1: When in Bus-Powered mode, the Hub and its associated circuitry must not consume more than 100mA from the upstream USB power source during t1+t5. 2: All Power Supplies must have reached the operating levels mandated in Section 7.0, "DC Parameters", prior to (or coincident with) the assertion of RESET_N. 5.6.1.2 RESET_N for EEPROM Configuration Note 1: When in Bus-Powered mode, the Hub and its associated circuitry must not consume more than 100mA from the upstream USB power source during t4+t5+t6+t7. 2: All Power Supplies must have reached the operating levels mandated in Section 7.0, "DC Parameters", prior to (or coincident with) the assertion of RESET_N. t5 USB Attach (See Note). 100 msec t6 Host acknowledges attach and signals USB Reset. 100 msec t7 USB Idle. undefined msec t8 Completion time for requests (with or without data stage). 5 msec FIGURE 5-3: RESET_N TIMING FOR EEPROM MODE TABLE 5-6: RESET_N TIMING FOR EEPROM MODE Name Description MIN TYP MAX Units t1 RESET_N Asserted. 1 sec t2 Hub Recovery/Stabilization. 500 sec t3 EEPROM Read / Hub Config. 2.0 99.5 msec t4 USB Attach (See Note). 100 msec t5 Host acknowledges attach and signals USB Reset. 100 msec t6 USB Idle. undefined msec t7 Completion time for requests (with or without data stage). 5 msec TABLE 5-5: RESET_N TIMING FOR DEFAULT/STRAP OPTION MODE (CONTINUED) Name Description MIN TYP MAX Units t1 t2 t4 t5 t6 t7 RESET_N VSS Hardware reset asserted Read Strap Options Read EEPROM + Set Options Attach USB Upstream USB Reset recovery Idle Start completion request response t3 |