| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB2507 bảng dữ liệu(PDF) 27 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB2507 bảng dữ liệu(HTML) 27 Page - Microchip Technology |
|
27 / 42 page ![]() 2007 - 2016 Microchip Technology Inc. DS000002251A-page 27 USB2507 5.6 Reset There are two different resets that the Hub experiences. One is a hardware reset (via the RESET_N pin) and the second is a USB Bus Reset. 5.6.1 EXTERNAL HARDWARE RESET_N A valid hardware reset is defined as, assertion of RESET_N for a minimum of 1us after all power supplies are within operating range. While reset is asserted, the Hub (and its associated external circuitry) consumes less than 500 A of current from the upstream USB power source (300 A for the Hub and 200A for the external circuitry). Assertion of RESET_N (external pin) causes the following: 1. All downstream ports are disabled, and PRTPWR power to downstream devices is removed. 2. The PHYs are disabled, and the differential pairs will be in a high-impedance state. 3. All transactions immediately terminate; no states are saved. 4. All internal registers return to the default state (in most cases, 00(h)). 5. The external crystal oscillator is halted. 6. The PLL is halted. 7. LED indicators are disabled. The Hub is “operational” 500 s after RESET_N is negated. Once operational, the Hub immediately reads OEM-specific data from the external EEPROM (if the SMBus option is not disabled). 5.6.1.1 RESET_N for Strapping Option Configuration FIGURE 5-2: RESET_N TIMING FOR DEFAULT/STRAP OPTION MODE TABLE 5-5: RESET_N TIMING FOR DEFAULT/STRAP OPTION MODE Name Description MIN TYP MAX Units t1 RESET_N Asserted. 1 sec t2 Strap Setup Time 16.7 nsec t3 Strap Hold Time. 16.7 1400 nsec t4 hub outputs driven to inactive logic states 2.0 1.5 sec t1 t4 t5 t6 t7 t8 Valid Don’t Care Don’t Care Driven by Hub if strap is an output. RESET_N VSS Strap Pins VSS Hardware reset asserted Read Strap Options Drive Strap Outputs to inactive levels Attach USB Upstream USB Reset recovery Idle Start completion request response t2 t3 |