| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
USB2507 bảng dữ liệu(PDF) 24 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB2507 bảng dữ liệu(HTML) 24 Page - Microchip Technology |
|
24 / 42 page ![]() USB2507 DS000002251A-page 24 2007 - 2016 Microchip Technology Inc. 5.3.9.10 Register 09h: Non-Removable Device (Reset = 0x00) 5.3.9.11 Register 0Ah: Port Disable For Self Powered Operation (Reset = 0x00) 5.3.9.12 Register 0Bh: Port Disable For Bus Powered Operation (Reset = 0x00) 5:4 OC_TIMER OverCurrent Timer: Over Current Timer delay. 00 = 0.1ms 01 = 2ms 10 = 4ms 11 = 6ms 3 COMPOUND Compound Device: Designates if Hub is part of a compound device. 0 = No. 1 = Yes, Hub is part of a compound device. 2:0 Reserved Reserved Bit Number Bit Name Description 7:0 NR_DEVICE Non-Removable Device: Indicates which port(s) include non-removable devic- es. ‘0’ = port is removable, ‘1’ = port is non-removable. Bit 7= 1; Port 7 non-removable. Bit 6= 1; Port 6 non-removable. Bit 5= 1; Port 5 non removable. Bit 4= 1; Port 4 non-removable. Bit 3= 1; Port 3 non-removable. Bit 2= 1; Port 2 non-removable. Bit 1= 1; Port 1 non removable. Bit 0 is Reserved, always = ‘0’. Bit Number Bit Name Description 7:0 PORT_DIS_SP Port Disable Self-Powered: Disables 1 or more contiguous ports. ‘0’ = port is available, ‘1’ = port is disabled. Bit 7= 1; Port 7 is disabled. Bit 6= 1; Port 6 is disabled. Bit 5= 1; Port 5 is disabled. Bit 4= 1; Port 4 is disabled. Bit 3= 1; Port 3 is disabled. Bit 2= 1; Port 2 is disabled. Bit 1= 1; Port 1 is disabled. Bit 0 is Reserved, always = ‘0’ Bit Number Bit Name Description 7:0 PORT_DIS_BP Port Disable Bus-Powered: Disables 1 or more contiguous ports. ‘0’ = port is available, ‘1’ = port is disabled. Bit 7= 1; Port 7 is disabled. Bit 6= 1; Port 6 is disabled. Bit 5= 1; Port 5 is disabled. Bit 4= 1; Port 4 is disabled. Bit 3= 1; Port 3 is disabled. Bit 2= 1; Port 2 is disabled. Bit 1= 1; Port 1 is disabled. Bit 0 is Reserved, always = ‘0’ Bit Number Bit Name Description |