công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SVFD1V685M bảng dữ liệu(PDF) 13 Page - NEC

tên linh kiện SVFD1V685M
Giải thích chi tiết về linh kiện  Surface mount resin molded chip with Built-in fuse, Low blow-out current (2A)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

SVFD1V685M bảng dữ liệu(HTML) 13 Page - NEC

Back Button SVFD1V685M Datasheet HTML 8Page - NEC SVFD1V685M Datasheet HTML 9Page - NEC SVFD1V685M Datasheet HTML 10Page - NEC SVFD1V685M Datasheet HTML 11Page - NEC SVFD1V685M Datasheet HTML 12Page - NEC SVFD1V685M Datasheet HTML 13Page - NEC SVFD1V685M Datasheet HTML 14Page - NEC SVFD1V685M Datasheet HTML 15Page - NEC SVFD1V685M Datasheet HTML 16Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
SV/F SERIES
13
DATA SHEET EC0003EJ3V1DS00
5. Reverse voltage
Because the capacitors are polarized, reverse voltage should not be applied.
If reverse voltage cannot be avoided because of circuit design, the voltage application should be for a very
short time and should not exceed the following.
10% of DC rated voltage at 25˚C
5% of DC rated voltage at 85˚C
1% of DC rated voltage at 125˚C
6. Mounting
(1) Direct soldering
Keep in mind the following points when soldering the capacitor by means of jet soldering or dip soldering:
(a) Temporarily fixing resin
Because the SV/F series solid tantalum capacitors are larger in size and subject to more force than the chip
multilayer ceramic capacitors or chip resistors, more resin is required to temporarily secure the solid tantalum
capacitors. However, if too much resin is used, the resin adhering to the patterns on a printed circuit board
may adversely affect the solderability.
(b) Pattern design
a
b
c
a
Case
a
b
c
B2
3.0
2.8
1.6
C
4.1
2.3
2.4
D2
5.4
2.9
2.4
D
5.2
2.9
3.7
The above dimensions are for reference only. If the capacitor is to be mounted by this method, and if the
pattern is too small, the solderability may be degraded.
(c) Temperature and time
Keep the peak temperature and time to within the following values:
Solder temperature … 260˚C max.
Time ……………………… 5 seconds max.
Whenever possible, perform preheating (at 150˚C max.) for smooth temperature profile. To maintain the
reliability, mount the capacitor at a low temperature and in a short time whenever possible.
(d) Component layout
If many types of chip components are mounted on a printed circuit board which is to be soldered by means
of jet soldering, solderability may not be uniform over the entire board depending on the layout and
density of the components on the board (also take into consideration generation of flux gas).
(e) Flux
Use resin-based flux. Do not use flux with strong acidity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com