công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SVFD1V685M bảng dữ liệu(PDF) 3 Page - NEC

tên linh kiện SVFD1V685M
Giải thích chi tiết về linh kiện  Surface mount resin molded chip with Built-in fuse, Low blow-out current (2A)
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NEC [NEC]
Trang chủ  http://www.nec.com/
Logo NEC - NEC

SVFD1V685M bảng dữ liệu(HTML) 3 Page - NEC

  SVFD1V685M Datasheet HTML 1Page - NEC SVFD1V685M Datasheet HTML 2Page - NEC SVFD1V685M Datasheet HTML 3Page - NEC SVFD1V685M Datasheet HTML 4Page - NEC SVFD1V685M Datasheet HTML 5Page - NEC SVFD1V685M Datasheet HTML 6Page - NEC SVFD1V685M Datasheet HTML 7Page - NEC SVFD1V685M Datasheet HTML 8Page - NEC SVFD1V685M Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
SV/F SERIES
3
DATA SHEET EC0003EJ3V1DS00
SPECIFICATIONS
No.
Items
1
Operating Temp. Range
2
Rated Voltage
3
Surge Voltage
4
Derated Voltage
5
Capacitance Range
6
Capacitance Tolerance
7
Leakage Current
8
Tangent of loss angle
9
Surge Voltage Resistance
Temp.
C /C
Tangent of
loss angle
Leakage
Current
11
Repid change of temperature
12
Resistance to soldering
13
Damp Heat (Steady state)
14
Endurance
15
Specifications
–55 to +125˚C
10
16
20
25
35
50
Vdc
13
20
26
33
46
65
Vdc
6.3
10
13
16
22
32
Vdc
1.0 to 4.7
µF
±20%
0.01 CV (
µA) or 0.5 µA whichever is greater
1.0 to 4.7
µF : 0.04 max.
6.8 to 47
µF : 0.06 max.
C /C
:
±5%
Tangent of loss angle : Initial requirement
Leakage Current
: Initial requirement
–55˚C
+85˚C
+125˚C
%%
%
1.0 to 4.7
µF : 0.08
Initial
1.0 to 4.7
µF : 0.06
6.8 to 47
µF : 0.10
requirement
6.8 to 47
µF : 0.08
0.1 CV or 5
µA
0.125 CV or 6.25
––
whichever is
µA whichever is
greater
greater
C /C
:
±5%
Tangent of loss angle : Initial requirement
Leakage Current
: Initial requirement
C /C
:
±5%
Tangent of loss angle : Initial requirement
Leakage Current
: Initial requirement
C /C
:
±5%
Tangent of loss angle : 150% of Intial requirement
Leakage Current
: Initial requirement
C /C
:
±10%
Tangent of loss angle : Initial requirement
Leakage Current
: 125% of Initial requirement
B2
: 2A – 5 sec. max.
C
: 2A – 10 sec. max.
D2, D : 2A – 20 sec. max.
Test Conditions
Over 85˚C, applied voltage shall be derated
on the basis of the Derated Voltage at
125˚C specified in this table item no.4
up to 85˚C
up to 85˚C
at 125˚C
at 120 Hz
at 120 Hz
5 min. after rated voltage applied
at 25˚C, 120 Hz
at 85˚C
Surge voltage for 30 sec. (Rs = 1 k
Ω)
Discharge for 4 min. 30 sec.
1 000 cycles
Step1 : +25˚C
Step2 : –55˚C
Step3 : +25˚C
Step4 : +85˚C
Step5 : +125˚C
Step6 : +25˚C
IEC68-2-14 Test N and IEC68-2-33
Guidance
–55 to +125˚C
5 cycles
IEC68-2-58 Test Td
Fully immersion to solder at 260˚C for
5 sec.
IEC68-2-3 Test Ca
at 40˚C, 90 to 95% RH, for 500H
at 85˚C
Rated Voltage applied for 2 000 H
at 25˚C
0
–12
+12
0
+15
0
∆
∆
∆
∆
∆
10
∆
Fuse Blow-out
Characteristics
LEGEND
CV
: Product of capacitance in
µF and voltage in V
C /C : Capacitance change ratio
∆
Characteris-
tics at high
and low
temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com