| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SC16C652 bảng dữ liệu(PDF) 33 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SC16C652 bảng dữ liệu(HTML) 33 Page - NXP Semiconductors |
|
33 / 41 page ![]() Philips Semiconductors SC16C652 Dual UART with 32 bytes of transmit and receive FIFOs Product data Rev. 04 — 20 June 2003 33 of 41 9397 750 11634 © Koninklijke Philips Electronics N.V. 2003. All rights reserved. Fig 11. Receive ready timing in FIFO mode. D0 D1 D2 D3 D4 D5 D6 D7 ACTIVE DATA READY ACTIVE 002aaa115 t26d STOP BIT PARITY BIT START BIT t25d RX RXRDY IOR DATA BITS (5–8) FIRST BYTE THAT REACHES THE TRIGGER LEVEL Fig 12. Transmit timing. D0 D1 D2 D3 D4 D5 D6 D7 ACTIVE TX READY ACTIVE 16 BAUD RATE CLOCK 002aaa116 t24d NEXT DATA START BIT STOP BIT PARITY BIT START BIT t22d TX INT IOW DATA BITS (5–8) 5 DATA BITS 6 DATA BITS 7 DATA BITS ACTIVE t23d |