công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC16C652 bảng dữ liệu(PDF) 15 Page - NXP Semiconductors

tên linh kiện SC16C652
Giải thích chi tiết về linh kiện  Dual UART with 32 bytes of transmit and receive FIFOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C652 bảng dữ liệu(HTML) 15 Page - NXP Semiconductors

Back Button SC16C652 Datasheet HTML 11Page - NXP Semiconductors SC16C652 Datasheet HTML 12Page - NXP Semiconductors SC16C652 Datasheet HTML 13Page - NXP Semiconductors SC16C652 Datasheet HTML 14Page - NXP Semiconductors SC16C652 Datasheet HTML 15Page - NXP Semiconductors SC16C652 Datasheet HTML 16Page - NXP Semiconductors SC16C652 Datasheet HTML 17Page - NXP Semiconductors SC16C652 Datasheet HTML 18Page - NXP Semiconductors SC16C652 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
Philips Semiconductors
SC16C652
Dual UART with 32 bytes of transmit and receive FIFOs
Product data
Rev. 04 — 20 June 2003
15 of 41
9397 750 11634
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
7.1 Transmit (THR) and Receive (RHR) Holding Registers
The serial transmitter section consists of an 8-bit Transmit Hold Register (THR) and
Transmit Shift Register (TSR). The status of the THR is provided in the Line Status
Register (LSR). Writing to the THR transfers the contents of the data bus (D7-D0) to
the TSR and UART via the THR, providing that the THR is empty. The THR empty
flag in the LSR register will be set to a logic 1 when the transmitter is empty or when
data is transferred to the TSR. Note that a write operation can be performed when the
THR empty flag is set (logic 0 = at least one byte in FIFO/THR, logic 1 = FIFO/THR
empty).
The serial receive section also contains an 8-bit Receive Holding Register (RHR) and
a Receive Serial Shift Register (RSR). Receive data is removed from the SC16C652
and receive FIFO by reading the RHR register. The receive section provides a
mechanism to prevent false starts. On the falling edge of a start or false start bit, an
internal receiver counter starts counting clocks at the 16
× clock rate. After 7-1⁄2
clocks, the start bit time should be shifted to the center of the start bit. At this time the
start bit is sampled, and if it is still a logic 0 it is validated. Evaluating the start bit in
this manner prevents the receiver from assembling a false character. Receiver status
codes will be posted in the LSR.
7.2 Interrupt Enable Register (IER)
The Interrupt Enable Register (IER) masks the interrupts from receiver ready,
transmitter empty, line status and modem status registers. These interrupts would
normally be seen on the INTA, INTB output pins.
Table 10:
Interrupt Enable Register bits description
Bit
Symbol
Description
7
IER[7]
CTS interrupt.
Logic 0 = Disable the CTS interrupt (normal default condition).
Logic 1 = Enable the CTS interrupt. The SC16C652 issues an
interrupt when the CTS pin transitions from a logic 0 to a logic 1.
6
IER[6]
RTS interrupt.
Logic 0 = Disable the RTS interrupt (normal default condition).
Logic 1 = Enable the RTS interrupt. The SC16C652 issues an
interrupt when the RTS pin transitions from a logic 0 to a logic 1.
5
IER[5]
Xoff interrupt.
Logic 0 = Disable the software flow control, receive Xoff interrupt
(normal default condition).
Logic 1 = Enable the software flow control, receive Xoff
interrupt.
4
IER[4]
Sleep mode.
Logic 0 = Disable sleep mode (normal default condition).
Logic 1 = Enable sleep mode.
3
IER[3]
Modem Status Interrupt. This interrupt will be issued whenever
there is a modem status change as reflected in MSR[0-3].
Logic 0 = Disable the modem status register interrupt (normal
default condition).
Logic 1 = Enable the modem status register interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com