công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SC16C652 bảng dữ liệu(PDF) 24 Page - NXP Semiconductors

tên linh kiện SC16C652
Giải thích chi tiết về linh kiện  Dual UART with 32 bytes of transmit and receive FIFOs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SC16C652 bảng dữ liệu(HTML) 24 Page - NXP Semiconductors

Back Button SC16C652 Datasheet HTML 20Page - NXP Semiconductors SC16C652 Datasheet HTML 21Page - NXP Semiconductors SC16C652 Datasheet HTML 22Page - NXP Semiconductors SC16C652 Datasheet HTML 23Page - NXP Semiconductors SC16C652 Datasheet HTML 24Page - NXP Semiconductors SC16C652 Datasheet HTML 25Page - NXP Semiconductors SC16C652 Datasheet HTML 26Page - NXP Semiconductors SC16C652 Datasheet HTML 27Page - NXP Semiconductors SC16C652 Datasheet HTML 28Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 41 page
background image
Philips Semiconductors
SC16C652
Dual UART with 32 bytes of transmit and receive FIFOs
Product data
Rev. 04 — 20 June 2003
24 of 41
9397 750 11634
© Koninklijke Philips Electronics N.V. 2003. All rights reserved.
7.8 Modem Status Register (MSR)
This register provides the current state of the control interface signals from the
modem, or other peripheral device to which the SC16C652 is connected. Four bits of
this register are used to indicate the changed information. These bits are set to a
logic 1 whenever a control input from the modem changes state. These bits are set to
a logic 0 whenever the CPU reads this register.
1
LSR[1]
Overrun error.
Logic 0 = No overrun error (normal default condition).
Logic1=Overrun error. A data overrun error occurred in the
receive shift register. This happens when additional data arrives
while the FIFO is full. In this case, the previous data in the shift
register is overwritten. Note that under this condition, the data
byte in the receive shift register is not transferred into the FIFO,
therefore the data in the FIFO is not corrupted by the error.
0
LSR[0]
Receive data ready.
Logic 0 = No data in receive holding register or FIFO (normal
default condition).
Logic 1 = Data has been received and is saved in the receive
holding register or FIFO.
Table 21:
Line Status Register bits description…continued
Bit
Symbol
Description
Table 22:
Modem Status Register bits description
Bit
Symbol
Description
7
MSR[7]
CD. During normal operation, this bit is the complement of the CD
input. Reading this bit in the loop-back mode produces the state of
MCR[3] (OP2).
6
MSR[6]
RI. During normal operation, this bit is the complement of the RI
input. Reading this bit in the loop-back mode produces the state of
MCR[2] (OP1).
5
MSR[5]
DSR. During normal operation, this bit is the complement of the
DSR input. During the loop-back mode, this bit is equivalent to
MCR[0] (DTR).
4
MSR[4]
CTS. During normal operation, this bit is the complement of the
CTS input. During the loop-back mode, this bit is equivalent to
MCR[1] (RTS).
3
MSR[3]
∆CD [1]
Logic 0 = No CD change (normal default condition).
Logic 1 = The CD input to the SC16C652 has changed state
since the last time it was read. A modem Status Interrupt will be
generated.
2
MSR[2]
∆RI [1]
Logic 0 = No RI change (normal default condition).
Logic 1 = The RI input to the SC16C652 has changed from a
logic 0 to a logic 1. A modem Status Interrupt will be generated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com