công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CHR3763-QDG bảng dữ liệu(PDF) 2 Page - United Monolithic Semiconductors

tên linh kiện CHR3763-QDG
Giải thích chi tiết về linh kiện  12-16GHz Integrated Down Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  UMS [United Monolithic Semiconductors]
Trang chủ  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR3763-QDG bảng dữ liệu(HTML) 2 Page - United Monolithic Semiconductors

  CHR3763-QDG Datasheet HTML 1Page - United Monolithic Semiconductors CHR3763-QDG Datasheet HTML 2Page - United Monolithic Semiconductors CHR3763-QDG Datasheet HTML 3Page - United Monolithic Semiconductors CHR3763-QDG Datasheet HTML 4Page - United Monolithic Semiconductors CHR3763-QDG Datasheet HTML 5Page - United Monolithic Semiconductors CHR3763-QDG Datasheet HTML 6Page - United Monolithic Semiconductors CHR3763-QDG Datasheet HTML 7Page - United Monolithic Semiconductors CHR3763-QDG Datasheet HTML 8Page - United Monolithic Semiconductors CHR3763-QDG Datasheet HTML 9Page - United Monolithic Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
CHR3763-QDG
12-16GHz Integrated Down Converter
Ref. : DSCHR3763-QDG3324 - 20 Nov 13
2/16
Specifications subject to change without notice
Bât. Charmille - Parc SILIC - 10, Avenue du Québec - 91140 VILLEBON-SUR-YVETTE - France
Tel.: +33 (0) 1 69 86 32 00 - Fax: +33 (0) 1 69 86 34 34
Electrical Characteristics
Tamb.= +25°C, VD1= VD2= VD3 = +3.0V (1)
Symbol
Parameter
Min
Typ
Max
Unit
FRF
RF Frequency range
12
16
GHz
FLO
LO frequency range
8.5
19.5
GHz
FIF
IF frequency range
DC
3.5
GHz
G
Conversion gain (2)
12
dB
NF
Noise Figure
2.3
dB
Im_rej
Image rejection (2)
20
dBc
PLO
LO Input power
5
dBm
IIP3
Input IP3
0
dBm
LO RL
LO return loss
12
dB
RF RL
RF return loss
10
dB
VDx
DC drain voltage (1)
3
V
VG1
1st stage LNA DC gate voltage
-0.52
V
VG2
2nd stage LNA DC gate voltage
-0.46
V
VG3
LO buffer DC gate voltage
-0.46
V
VG4
Mixer DC gate voltage
-1
V
Id
Total drain current (ID1+ID2+ID3) (3)
80
mA
These values are representative of onboard measurements as defined on the drawing in
paragraph "Evaluation mother board".
(1) VD1: 1st stage LNA drain bias voltage. VD2: 2nd stage LNA drain bias voltage.
(1) VD3: LO-chain drain bias voltage.
(2) An external combiner 90° is required on I / Q.
(3) ID1: 1st stage LNA drain current, typically 14mA, should be tuned with VG1.
(3) ID2: 2nd stage LNA drain current, typically 31mA, should be tuned with VG2.
(3) ID3: LO-chain drain current, typically 35mA, should be tuned with VG3.
Electrostatic discharge sensitive device observe handling precautions!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com