công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RN4870 bảng dữ liệu(PDF) 15 Page - Microchip Technology

tên linh kiện RN4870
Giải thích chi tiết về linh kiện  Bluetooth 4.2 Low Energy Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4870 bảng dữ liệu(HTML) 15 Page - Microchip Technology

Back Button RN4870 Datasheet HTML 11Page - Microchip Technology RN4870 Datasheet HTML 12Page - Microchip Technology RN4870 Datasheet HTML 13Page - Microchip Technology RN4870 Datasheet HTML 14Page - Microchip Technology RN4870 Datasheet HTML 15Page - Microchip Technology RN4870 Datasheet HTML 16Page - Microchip Technology RN4870 Datasheet HTML 17Page - Microchip Technology RN4870 Datasheet HTML 18Page - Microchip Technology RN4870 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
 2016 Microchip Technology Inc.
DS50002489A-page 15
RN4870/71
4.2
RN4870U Module
Figure 4-4 shows the physical dimensions of the
RN4870U module. Figure 4-5 illustrates the recom-
mended PCB layout, and Figure 4-6 shows the recom-
mended mounting details.
A low-impedance ground plane ensures the best radio
performance (best range; lowest noise). Pin 30
(BT_RF) is a 50 ohm connection that can be connected
to an external antenna such as a PCB trace antenna, a
component (chip) antenna, or through a host PCB 50
ohm micro-strip trace. This trace can be extended to
include passive parts for antenna attenuation padding,
impedance matching, or to provide test posts. It is
recommended that the micro-strip trace to be as short
as possible for minimum loss and best impedance
matching. If the micro-strip trace is longer, a 50 ohm
impedance is recommended.
FIGURE 4-4:
RN4870U MODULE DIMENSIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48