công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RN4870 bảng dữ liệu(PDF) 21 Page - Microchip Technology

tên linh kiện RN4870
Giải thích chi tiết về linh kiện  Bluetooth 4.2 Low Energy Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4870 bảng dữ liệu(HTML) 21 Page - Microchip Technology

Back Button RN4870 Datasheet HTML 17Page - Microchip Technology RN4870 Datasheet HTML 18Page - Microchip Technology RN4870 Datasheet HTML 19Page - Microchip Technology RN4870 Datasheet HTML 20Page - Microchip Technology RN4870 Datasheet HTML 21Page - Microchip Technology RN4870 Datasheet HTML 22Page - Microchip Technology RN4870 Datasheet HTML 23Page - Microchip Technology RN4870 Datasheet HTML 24Page - Microchip Technology RN4870 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
 2016 Microchip Technology Inc.
DS50002489A-page 21
RN4870/71
FIGURE 4-13:
RECOMMENDATIONS FOR THE PLACEMENT OF THE MODULE ON THE HOST
PCB BOARD
4.5
Soldering Recommendations
The RN4870/71 Bluetooth modules are assembled
using standard lead-free reflow profile IPC/JEDEC
J-STD-020.
The module can be soldered to the host PCB using
standard leaded and lead-free solder reflow profiles.
To avoid damaging the module, the following recom-
mendations are given:
• Microchip Technology Application Note, “AN233
Solder Reflow Recommendation” (DS00233)
provides solder reflow recommendations
•Do not exceed peak temperature (TP) of 250°C
• Refer to the solder paste data sheet for specific
reflow profile recommendations
• Use no-clean flux solder paste
•Do not wash as moisture can be trapped under
the shield
• Use only one flow. If the PCB requires multiple
flows, apply the module on the final flow.
Acceptable
Best
Acceptable
Lowest
performance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48