công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RN4870 bảng dữ liệu(PDF) 35 Page - Microchip Technology

tên linh kiện RN4870
Giải thích chi tiết về linh kiện  Bluetooth 4.2 Low Energy Module
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN4870 bảng dữ liệu(HTML) 35 Page - Microchip Technology

Back Button RN4870 Datasheet HTML 31Page - Microchip Technology RN4870 Datasheet HTML 32Page - Microchip Technology RN4870 Datasheet HTML 33Page - Microchip Technology RN4870 Datasheet HTML 34Page - Microchip Technology RN4870 Datasheet HTML 35Page - Microchip Technology RN4870 Datasheet HTML 36Page - Microchip Technology RN4870 Datasheet HTML 37Page - Microchip Technology RN4870 Datasheet HTML 38Page - Microchip Technology RN4870 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
 2016 Microchip Technology Inc.
DS50002489A-page 35
RN4870/71
9.0
TIMING CHARACTERISTICS
Figure 9-1 shows the timing diagram for the RN4870/
71 modules when it is Reset in the Test mode and
Application mode. Figure 9-2 shows the timing diagram
for the module when it is powered on. In Application
mode, when RN4870/71 is ready to talk to MCU after
Reset, the module provides a UART response
indicating that the Reset is complete. For more details,
refer to the “RN4870/71 Bluetooth® Low Energy Mod-
ule User's Guide” (DS50002466A).
FIGURE 9-1:
TIMING DIAGRAM OF RN4870/71 UART READY AFTER RESET (IN TEST AND
APPLICATION MODE)
FIGURE 9-2:
TIMING DIAGRAM OF RN4870/71 UART WHEN POWERED ON (IN TEST AND
APPLICATION MODE)
Ext
Reset
1mS
P2_0=0
P2_0=1
25mS
Test Mode
Process
Application
Mode
Process
46mS
68mS
UART Ready
for MCU
UART Ready
for MCU
Status pin/UART
Report Command
VBAT
P2_0=0
P2_0=1
25mS
Test Mode
Process
Application
Mode
Process
46mS
68mS
UART Ready
for MCU
UART Ready
for MCU
Status pin/UART
Report Command



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48