công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RN1810 bảng dữ liệu(PDF) 16 Page - Microchip Technology

tên linh kiện RN1810
Giải thích chi tiết về linh kiện  2.4 GHz IEEE 802.11b/g/n Wireless Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN1810 bảng dữ liệu(HTML) 16 Page - Microchip Technology

Back Button RN1810 Datasheet HTML 12Page - Microchip Technology RN1810 Datasheet HTML 13Page - Microchip Technology RN1810 Datasheet HTML 14Page - Microchip Technology RN1810 Datasheet HTML 15Page - Microchip Technology RN1810 Datasheet HTML 16Page - Microchip Technology RN1810 Datasheet HTML 17Page - Microchip Technology RN1810 Datasheet HTML 18Page - Microchip Technology RN1810 Datasheet HTML 19Page - Microchip Technology RN1810 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 36 page
background image
RN1810/RN1810E
DS50002460A-page 16
Advance Information
 2016 Microchip Technology Inc.
3.2
Integral PCB Trace Antenna
For the RN1810, the PCB antenna is fabricated on the
top copper layer and covered in solder mask. The lay-
ers below the antenna do not have copper trace.
It is recommended that the module is mounted on the
edge of the host PCB. It is permitted for PCB material
to be below the antenna structure of the module as long
as no copper traces or planes are on the host PCB in
that area. For best performance, place the module on
the host PCB according to the details shown in
Figure 1-7.
The antenna patterns plotted in Figure 3-2 through
Figure 3-5 are the simulated results of the PCB
antenna.
Figure 3-2 illustrates the simulation drawing. The two-
dimensional (2D) radiation pattern is illustrated in
Figure 3-3, whereas Figure 3-4 and Figure 3-5 show
the three-dimensional (3D) radiation patterns.
The calculated average of the radiated field is shown in
Figure 3-3. The radiation pattern for the XZ plane is
shown in red, whereas the YZ plane is shown in violet.
The most powerful radiation occurs in the XZ plane as
represented by the red pattern.
Figure 3-4 shows the relative position of the 3D radia-
tion “donut” with reference to the module orientation.
This is a very useful guide for placement of the module
to obtain the maximum range.
Figure 3-5 shows the 3D radiation pattern with the
colored distribution of the radiation magnitude. The
values range from -9 dB to +0.3 dB. This is very useful
in interpreting the 2D radiation pattern.
FIGURE 3-2:
PCB ANTENNA SIMULATION DRAWING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com