công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RN1810 bảng dữ liệu(PDF) 23 Page - Microchip Technology

tên linh kiện RN1810
Giải thích chi tiết về linh kiện  2.4 GHz IEEE 802.11b/g/n Wireless Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN1810 bảng dữ liệu(HTML) 23 Page - Microchip Technology

Back Button RN1810 Datasheet HTML 19Page - Microchip Technology RN1810 Datasheet HTML 20Page - Microchip Technology RN1810 Datasheet HTML 21Page - Microchip Technology RN1810 Datasheet HTML 22Page - Microchip Technology RN1810 Datasheet HTML 23Page - Microchip Technology RN1810 Datasheet HTML 24Page - Microchip Technology RN1810 Datasheet HTML 25Page - Microchip Technology RN1810 Datasheet HTML 26Page - Microchip Technology RN1810 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 36 page
background image
 2016 Microchip Technology Inc.
Advance Information
DS50002460A-page 23
RN1810/RN1810E
User manuals for transmitters equipped with detach-
able antennas shall also contain the following notice in
a conspicuous location:
Immediately following the above notice, the manufac-
turer shall provide a list of all antenna types approved
for use with the transmitter, indicating the maximum
permissible antenna gain (in dBi).
4.2.4
HELPFUL WEB SITES
Industry Canada: http://www.ic.gc.ca/
4.3
Europe
The RN1810/RN1810E module is an R&TTE Directive
assessed radio module that is CE marked and has
been manufactured and tested with the intention of
being integrated into a final product.
The RN1810/RN1810E module has been tested to
R&TTE Directive 1999/5/EC Essential Requirements
for Health and Safety (Article (3.1(a)), Electromagnetic
Compatibility (EMC) (Article 3.1(b)), and Radio (Article
3.2) and are summarized in Table 4-1 European Com-
pliance Testing European Compliance Testing. A Noti-
fied Body Opinion has also been issued. All test reports
are available on the RN1810/RN1810E product web
page at http://www.microchip.com.
The R&TTE Compliance Association provides guid-
ance on modular devices in document Technical
Guidance Note 01 available at
http://www.rtteca.com/html/download_area.htm.
4.3.1
LABELING AND USER
INFORMATION REQUIREMENTS
The label on the final product which contains the
RN1810/RN1810E module must follow CE marking
requirements. The R&TTE Compliance Association
Technical Guidance Note 01 provides guidance on
final product CE marking.
4.3.2
EXTERNAL ANTENNA
REQUIREMENTS
From R&TTE Compliance Association document
Technical Guidance Note 01:
Provided the integrator installing an assessed
radio module with an integral or specific antenna
and installed in conformance with the radio mod-
ule manufacturer's installation instructions
requires no further evaluation under Article 3.2
of the R&TTE Directive and does not require fur-
ther involvement of an R&TTE Directive Notified
Body for the final product. [Section 2.2.4]]
The European Compliance Testing listed in
Table 4-1 was performed using the antenna types
listed in Table 3-1.
4.3.3
HELPFUL WEB SITES
A document that can be used as a starting point in
understanding the use of Short Range Devices (SRD)
in Europe is the European Radio Communications
Committee (ERC) Recommendation 70-03 E, which
can be downloaded from the European Radio Commu-
nications Office (ERO) at: http://www.ero.dk/.
This radio transmitter (identify the device by certifica-
tion number) has been approved by Industry Canada
to operate with the antenna types listed below with
the maximum permissible gain indicated. Antenna
types not included in this list, having a gain greater
than the maximum gain indicated for that type, are
strictly prohibited for use with this device.
Le présent émetteur radio (identifier le dispositif par
son numéro de certification) a été approuvé par
Industrie Canada pour fonctionner avec les types
d'antenne énumérés ci-dessous et ayant un gain
admissible maximal. Les types d'antenne non inclus
dans cette liste, et dont le gain est supérieur au gain
maximal indiqué, sont strictement interdits pour
l'exploitation de l'émetteur.
Note:
To maintain conformance to the testing
listed in Table 4-1 European Compliance
Testing, the module shall be installed in
accordance with the installation instruc-
tions in this data sheet and shall not be
modified.
When integrating a radio module into a
completed
product
the
integrator
becomes the manufacturer of the final
product and is therefore responsible for
demonstrating compliance of the final
product with the essential requirements of
the R&TTE Directive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com