công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RN1810 bảng dữ liệu(PDF) 22 Page - Microchip Technology

tên linh kiện RN1810
Giải thích chi tiết về linh kiện  2.4 GHz IEEE 802.11b/g/n Wireless Module
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN1810 bảng dữ liệu(HTML) 22 Page - Microchip Technology

Back Button RN1810 Datasheet HTML 18Page - Microchip Technology RN1810 Datasheet HTML 19Page - Microchip Technology RN1810 Datasheet HTML 20Page - Microchip Technology RN1810 Datasheet HTML 21Page - Microchip Technology RN1810 Datasheet HTML 22Page - Microchip Technology RN1810 Datasheet HTML 23Page - Microchip Technology RN1810 Datasheet HTML 24Page - Microchip Technology RN1810 Datasheet HTML 25Page - Microchip Technology RN1810 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
RN1810/RN1810E
DS50002460A-page 22
Advance Information
 2016 Microchip Technology Inc.
4.1.2
RF EXPOSURE
All transmitters regulated by FCC must comply with RF
exposure requirements. KDB Publication 447498 Gen-
eral RF Exposure Guidance provides guidance in
determining whether proposed or existing transmitting
facilities, operations or devices comply with limits for
human exposure to Radio Frequency (RF) fields
adopted by the Federal Communications Commission
(FCC).
This module is approved for installation into mobile
and/or portable host platforms and must not be co-
located or operating in conjunction with any other
antenna or transmitter except in accordance with FCC
multitransmitter guidelines. End users must be pro-
vided with transmitter operating conditions for satisfy-
ing RF Exposure compliance.
4.1.3
APPROVED EXTERNAL ANTENNA
TYPES
To maintain modular approval in the United States, only
the antenna types that have been tested shall be used.
It is permissible to use different antenna manufacturer
provided the same antenna type and antenna gain
(equal to or less than) is used. An antenna type com-
prises antennas having similar in-band and out-of-band
radiation patterns.
Testing of the RN1810/RN1810E module was per-
formed with the antenna types listed in Table 3-1.
4.1.4
HELPFUL WEB SITES
Federal Communications Commission (FCC):
http://www.fcc.gov
FCC Office of Engineering and Technology (OET) Lab-
oratory Division Knowledge Database (KDB):
http://apps.fcc.gov/oetcf/kdb/index.cfm
4.2
Canada
The RN1810/RN1810E module has been certified for
use in Canada under Industry Canada (IC) Radio Stan-
dards Procedure (RSP) RSP-100, Radio Standards
Specification (RSS) RSS-Gen, RSS-210, and RSS-
247. Modular approval permits the installation of a
module in a host device without the need to recertify
the device.
4.2.1
LABELING AND USER
INFORMATION REQUIREMENTS
Labeling Requirements (from RSP-100 - Issue 10, Sec-
tion 3): The host device shall be properly labeled to
identify the module within the host device.
Modular Devices (from RSP-100 - Issue 10, Section 7):
The Industry Canada certification label of a module
shall be clearly visible at all times when installed in the
host device, otherwise the host device must be labeled
to display the Industry Canada certification number of
the module, preceded by the words “Contains transmit-
ter module”, or the word “Contains”, or similar wording
expressing the same meaning, as follows:
User Manual Notice for License-Exempt Radio Appara-
tus (from Section 8.4, RSS-Gen, Issue 4, November
2014): User manuals for license-exempt radio appara-
tus shall contain the following or equivalent notice in a
conspicuous location in the user manual or alterna-
tively on the device or both:
4.2.2
RF EXPOSURE
All transmitters regulated by IC must comply with RF
exposure requirements listed in RSS-102 - Radio Fre-
quency (RF) Exposure Compliance of Radiocommuni-
cation Apparatus (All Frequency Bands).
This module is approved for installation into mobile
and/or portable host platforms and must not be co-
located or operating in conjunction with any other
antenna or transmitter except in accordance with
Industry Canada's multi-transmitter guidelines. End
users must be provided with transmitter operating con-
ditions for satisfying RF Exposure compliance.
4.2.3
APPROVED EXTERNAL ANTENNA
TYPES
Transmitter Antenna for License-Exempt Radio Appa-
ratus (from Section 8.3 RSS-Gen, Issue 4, November
2014):
The RN1810/RN1810E module can only be sold or
operated with the antenna types with which it was
approved. It is permissible to use different antenna
manufacturer provided the same antenna type and
antenna gain (equal to or less than) is used. An
antenna type comprises antennas having similar in-
band and out-of-band radiation patterns.
Approved external antenna types for the RN1810/
RN1810E module are listed in Table 3-1.
Contains transmitter module IC: 7693A-24WN0
This device complies with Industry Canada's license-
exempt RSSs. Operation is subject to the following
two conditions:
(1) This device may not cause interference; and
(2) This device must accept any interference, includ-
ing interference that may cause undesired operation
of the device.
Le présent appareil est conforme aux CNR d'Indus-
trie Canada applicables aux appareils radio exempts
de licence. L'exploitation est autorisée aux deux con-
ditions suivantes:
(1) l'appareil ne doit pas produire de brouillage;
(2) l'utilisateur de l'appareil doit accepter tout brouil-
lage radioélectrique subi, même si le brouillage est
susceptible d'en compromettre le fonctionnement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com