| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMS320VC5407 bảng dữ liệu(PDF) 95 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TMS320VC5407 bảng dữ liệu(HTML) 95 Page - Texas Instruments |
|
95 / 110 page ![]() Electrical Specifications 95 November 2001 − Revised April 2004 SPRS007D 5.14.2 McBSP General-Purpose I/O Timing Table 5−23 and Table 5−24 assume testing over recommended operating conditions (see Figure 5−23). Table 5−23. McBSP General-Purpose I/O Timing Requirements MIN MAX UNIT tsu(BGPIO-COH) Setup time, BGPIOx input mode before CLKOUT high† 7 ns th(COH-BGPIO) Hold time, BGPIOx input mode after CLKOUT high† 0 ns † BGPIOx refers to BCLKRx, BFSRx, BDRx, BCLKXx, or BFSXx when configured as a general-purpose input. Table 5−24. McBSP General-Purpose I/O Switching Characteristics PARAMETER MIN MAX UNIT td(COH-BGPIO) Delay time, CLKOUT high to BGPIOx output mode‡ − 2 4 ns ‡ BGPIOx refers to BCLKRx, BFSRx, BCLKXx, BFSXx, or BDXx when configured as a general-purpose output. tsu(BGPIO-COH) th(COH-BGPIO) td(COH-BGPIO) CLKOUT BGPIOx Input Mode† BGPIOx Output Mode‡ † BGPIOx refers to BCLKRx, BFSRx, BDRx, BCLKXx, or BFSXx when configured as a general-purpose input. ‡ BGPIOx refers to BCLKRx, BFSRx, BCLKXx, BFSXx, or BDXx when configured as a general-purpose output. Figure 5−23. McBSP General-Purpose I/O Timings |