công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TUSB8020BPHPR bảng dữ liệu(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TUSB8020BPHPR
Giải thích chi tiết về linh kiện  Two-Port USB 3.0 Hub
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB8020BPHPR bảng dữ liệu(HTML) 28 Page - Texas Instruments

Back Button TUSB8020BPHPR Datasheet HTML 24Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 25Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 26Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 27Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 28Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 29Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 30Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 31Page - Texas Instruments TUSB8020BPHPR Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 43 page
background image
POPULATE
FOR BC SUPPORT
USB_SSRXP_DN2
USB_SSRXM_DN2
CAP_DN2_TXP
CAP_DN2_TXM
VBUS_DS2
USB_DP_DN2
USB_DM_DN2
USB_SSTXM_DN2
USB_SSTXP_DN2
DN2_VBUS
BOARD_3P3V
DN2_VBUS
OVERCUR2Z
PWRCTRL2_BATEN2
J3
USB3_TYPEA_CONNECTOR
VBUS
1
DM
2
DP
3
GND
4
SSRXN
5
SSRXP
6
GND
7
SSTXN
8
SSTXP
9
SHIELD0
10
SHIELD1
11
C11
0.1uF
C14
0.1uF
C15
0.001uF
FB2
220 @ 100MHZ
R10
1M
0402
5%
C13
0.1uF 0201
TUSB8020B
U1C
SMBUSZ / SS_DN2
22
PWRCTL2 / BATEN2
6
OVERCUR2Z
8
USB_DP_DN2
14
USB_DM_DN2
15
USB_SSTXP_DN2
16
USB_SSTXM_DN2
17
USB_SSRXP_DN2
19
USB_SSRXM_DN2
20
C12
0.1uF 0201
R9
4.7K
0402
5%
POPULATE
FOR BC SUPPORT
DN1_VBUS
VBUS_DS1
USB_SSTXP_DN1
USB_SSRXM_DN1
CAP_DN_TXM1
USB_SSRXP_DN1
CAP_DN_TXP1
USB_DM_DN1
USB_DP_DN1
USB_SSTXM_DN1
BOARD_3P3V
DN1_VBUS
PWRCTRL1_BATEN1
OVERCUR1Z
C6
0.1uF
C9
0.001uF
C7
0.1uF 0201
C8
0.1uF 0201
R7
4.7K
0402
5%
TUSB8020B
U1B
PWRCTL_POL / SS_DN1
21
USB_DP_DN1
41
USB_DM_DN1
42
USB_SSTXP_DN1
43
USB_SSTXM_DN1
44
USB_SSRXP_DN1
46
USB_SSRXM_DN1
47
PWRCTL1 / BATEN1
4
OVERCUR1Z
5
J2
USB3_TYPEA_CONNECTOR
VBUS
1
DM
2
DP
3
GND
4
SSRXN
5
SSRXP
6
GND
7
SSTXN
8
SSTXP
9
SHIELD0
10
SHIELD1
11
C10
0.1uF
R6
4.7K
0402
5%
FB1
220 @ 100MHZ
R8
1M
0402
5%
TUSB8020B
SLLSEF6A – JULY 2014 – REVISED JULY 2014
www.ti.com
9.2.2.2 Downstream Port 1 Implementation
The downstream port 1 of the TUSB8020B is connected to a USB3 type A connector. With BATEN1 terminal
pulled up, battery charge support is enabled for port 1. If battery charge support is not needed, then the pullup
resistor on BATEN1 should be uninstalled. The PWRCTL_POL is pulled-down, which results in active-high power
enable (PWRCTL1 and PWRCTL2) for a USB VBUS power switch.
Figure 28. Downstream Port 1 Implementation
9.2.2.3 Downstream Port 2 Implementation
The downstream port 2 of the TUSB8020B is connected to a USB3 type A connector. With BATEN2 terminal
pulled up, battery charge support is enabled for port 2. If battery charge support is not needed, then the pullup
resistor on BATEN2 should be uninstalled.
Figure 29. Downstream Port 2 Implementation
28
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: TUSB8020B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com