công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MD200C08D2 bảng dữ liệu(PDF) 9 Page - Microchip Technology

tên linh kiện MD200C08D2
Giải thích chi tiết về linh kiện  Motion Module
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD200C08D2 bảng dữ liệu(HTML) 9 Page - Microchip Technology

Back Button MD200C08D2 Datasheet HTML 5Page - Microchip Technology MD200C08D2 Datasheet HTML 6Page - Microchip Technology MD200C08D2 Datasheet HTML 7Page - Microchip Technology MD200C08D2 Datasheet HTML 8Page - Microchip Technology MD200C08D2 Datasheet HTML 9Page - Microchip Technology MD200C08D2 Datasheet HTML 10Page - Microchip Technology MD200C08D2 Datasheet HTML 11Page - Microchip Technology MD200C08D2 Datasheet HTML 12Page - Microchip Technology MD200C08D2 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
 2015 - 2016 Microchip Technology Inc.
DS00001888B-page 9
MM7150
The Report descriptor is unlike other descriptors in that it is not simply a table of values. The length and content of a
Report descriptor vary depending on the number of data fields required for the device’s report or reports. The Report
descriptor is made up of items that provide information about the device.
The HID report for each sensor has two sections Feature Report and Input Report. The feature report for all the sen-
sors is same. The following sections describe the Feature Report and all Input Reports returned by the Motion Module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28