| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MD200C08D2 bảng dữ liệu(PDF) 21 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MD200C08D2 bảng dữ liệu(HTML) 21 Page - Microchip Technology |
|
21 / 28 page ![]() 2015 - 2016 Microchip Technology Inc. DS00001888B-page 21 MM7150 FIGURE 8-2: POWER-ON RESET TIMING CHARACTERISTICS FIGURE 8-3: EXTERNAL RESET TIMING CHARACTERISTICS Note 1: The power-up period will be extended if the power-up sequence completes before the device exits from BOR (VDD < VDDMIN). 2: Includes interval voltage regulator stabilization delay. Internal Voltage Regulator Enabled VDD VPOR SY00 Power-up Sequence (Note 2) Internal Voltage Regulator Enabled (TPU) (TSYSDLY) CPU Starts Fetching Code (Note 1) Clock Sources = (FRC, FRCDIV, FRCDIV16, FRCPLL, EC, ECPLL and LPRC) SY02 MCLR# (SY20) BOR (SY30) TMCLR TBOR Reset Sequence CPU Starts Fetching Code Clock Sources = (FRC, FRCDIV, FRCDIV16, FRCPLL, EC, ECPLL and LPRC) Clock Sources = (HS, HSPLL, XT, XTPLL and SOSC) (TSYSDLY) SY02 (TSYSDLY) SY02 |