công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MD200C08D2 bảng dữ liệu(PDF) 23 Page - Microchip Technology

tên linh kiện MD200C08D2
Giải thích chi tiết về linh kiện  Motion Module
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MD200C08D2 bảng dữ liệu(HTML) 23 Page - Microchip Technology

Back Button MD200C08D2 Datasheet HTML 19Page - Microchip Technology MD200C08D2 Datasheet HTML 20Page - Microchip Technology MD200C08D2 Datasheet HTML 21Page - Microchip Technology MD200C08D2 Datasheet HTML 22Page - Microchip Technology MD200C08D2 Datasheet HTML 23Page - Microchip Technology MD200C08D2 Datasheet HTML 24Page - Microchip Technology MD200C08D2 Datasheet HTML 25Page - Microchip Technology MD200C08D2 Datasheet HTML 26Page - Microchip Technology MD200C08D2 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
 2015 - 2016 Microchip Technology Inc.
DS00001888B-page 23
MM7150
TABLE 8-9:
I2Cx BUS DATA TIMING REQUIREMENTS (SLAVE MODE)
AC CHARACTERISTICS
Standard Operating Conditions: 2.3V to 3.6V
(unless otherwise stated)
Param.
No.
Symbol
Characteristics
Min.
Max.
Units
Conditions
IS10
TLO:SCL
Clock Low Time
100 kHz mode
4.7
—
s—
400 kHz mode
1.3
—
s—
IS11
THI:SCL
Clock High Time
100 kHz mode
4.0
—
s—
400 kHz mode
0.6
—
s—
IS20
TF:SCL
SDAx and SCLx
Fall Time
100 kHz mode
—
300
ns
CB is specified to be from
10 to 400 pF
400 kHz mode
20 + 0.1 CB
300
ns
IS21
TR:SCL
SDAx and SCLx
Rise Time
100 kHz mode
—
1000
ns
CB is specified to be from
10 to 400 pF
400 kHz mode
20 + 0.1 CB
300
ns
IS25
TSU:DAT
Data Input
Setup Time
100 kHz mode
250
—
ns
—
400 kHz mode
100
—
ns
IS26
THD:DAT
Data Input
Hold Time
100 kHz mode
0
—
ns
—
400 kHz mode
0
0.9
s
IS30
TSU:STA
Start Condition
Setup Time
100 kHz mode
4700
—
ns
Only relevant for Repeated
Start condition
400 kHz mode
600
—
ns
IS31
THD:STA
Start Condition
Hold Time
100 kHz mode
4000
—
ns
After this period, the first
clock pulse is generated
400 kHz mode
600
—
ns
IS33
TSU:STO
Stop Condition
Setup Time
100 kHz mode
4000
—
ns
—
400 kHz mode
600
—
ns
IS34
THD:STO
Stop Condition
Hold Time
100 kHz mode
4000
—
ns
—
400 kHz mode
600
—
ns
IS40
TAA:SCL
Output Valid from
Clock
100 kHz mode
0
3500
ns
—
400 kHz mode
0
1000
ns
IS45
TBF:SDA
Bus Free Time
100 kHz mode
4.7
—
s
The amount of time the bus
must be free before a new
transmission can start
400 kHz mode
1.3
—
s
IS50
CB
Bus Capacitive
Loading
—
400
pF
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com