công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MTCH102-E/MS bảng dữ liệu(PDF) 32 Page - Microchip Technology

tên linh kiện MTCH102-E/MS
Giải thích chi tiết về linh kiện  2, 5 and 8-Channel Proximity/Touch Controller Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTCH102-E/MS bảng dữ liệu(HTML) 32 Page - Microchip Technology

Back Button MTCH102-E/MS Datasheet HTML 28Page - Microchip Technology MTCH102-E/MS Datasheet HTML 29Page - Microchip Technology MTCH102-E/MS Datasheet HTML 30Page - Microchip Technology MTCH102-E/MS Datasheet HTML 31Page - Microchip Technology MTCH102-E/MS Datasheet HTML 32Page - Microchip Technology MTCH102-E/MS Datasheet HTML 33Page - Microchip Technology MTCH102-E/MS Datasheet HTML 34Page - Microchip Technology MTCH102-E/MS Datasheet HTML 35Page - Microchip Technology MTCH102-E/MS Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
MTCH102/5/8
DS40001793C-page 32
Preliminary
 2015-2016 Microchip Technology Inc.
RECOMMENDED LAND PATTERN
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Dimension Limits
Units
C2
Optional Center Pad Width
Contact Pad Spacing
Optional Center Pad Length
Contact Pitch
Y2
X2
2.80
2.80
MILLIMETERS
0.50 BSC
MIN
E
MAX
4.00
Contact Pad Length (X20)
Contact Pad Width (X20)
Y1
X1
0.80
0.30
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
1. Dimensioning and tolerancing per ASME Y14.5M
Microchip Technology Drawing C04-2255A
NOM
20-Lead Ultra Thin Plastic Quad Flat, No Lead Package (GZ) - 4x4x0.5 mm Body [UQFN]
SILK SCREEN
1
2
20
C1
C2
E
X1
Y1
G1
Y2
X2
C1
Contact Pad Spacing
4.00
Contact Pad to Center Pad (X20)
G1
0.20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37