công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MTCH102-E/MS bảng dữ liệu(PDF) 30 Page - Microchip Technology

tên linh kiện MTCH102-E/MS
Giải thích chi tiết về linh kiện  2, 5 and 8-Channel Proximity/Touch Controller Data Sheet
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTCH102-E/MS bảng dữ liệu(HTML) 30 Page - Microchip Technology

Back Button MTCH102-E/MS Datasheet HTML 26Page - Microchip Technology MTCH102-E/MS Datasheet HTML 27Page - Microchip Technology MTCH102-E/MS Datasheet HTML 28Page - Microchip Technology MTCH102-E/MS Datasheet HTML 29Page - Microchip Technology MTCH102-E/MS Datasheet HTML 30Page - Microchip Technology MTCH102-E/MS Datasheet HTML 31Page - Microchip Technology MTCH102-E/MS Datasheet HTML 32Page - Microchip Technology MTCH102-E/MS Datasheet HTML 33Page - Microchip Technology MTCH102-E/MS Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
MTCH102/5/8
DS40001793C-page 30
Preliminary
 2015-2016 Microchip Technology Inc.
B
A
0.20 C
0.20 C
0.10
C A B
(DATUM B)
(DATUM A)
C
SEATING
PLANE
1
2
N
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
NOTE 1
1
2
N
0.10
C A B
0.10
C A B
0.10 C
0.08 C
A1
Microchip Technology Drawing C04-255A Sheet 1 of 2
20-Lead Ultra Thin Plastic Quad Flat, No Lead Package (GZ) - 4x4x0.5 mm Body [UQFN]
D
E
A
(A3)
20X b
e
2X
D2
E2
NOTE 1
L
K
20X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37