| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MTCH102-E/MS bảng dữ liệu(PDF) 31 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MTCH102-E/MS bảng dữ liệu(HTML) 31 Page - Microchip Technology |
|
31 / 37 page ![]() 2015-2016 Microchip Technology Inc. Preliminary DS40001793C-page 31 MTCH102/5/8 Microchip Technology Drawing C04-255A Sheet 2 of 2 For the most current package drawings, please see the Microchip Packaging Specification located at http://www.microchip.com/packaging Note: Number of Terminals Overall Height Terminal Width Overall Width Overall Length Terminal Length Exposed Pad Width Exposed Pad Length Terminal Thickness Pitch Standoff Units Dimension Limits A1 A b D E2 D2 A3 e L E N 0.50 BSC 0.127 REF 2.60 2.60 0.30 0.20 0.45 0.00 0.25 4.00 BSC 0.40 2.70 2.70 0.50 0.02 4.00 BSC MILLIMETERS MIN NOM 20 2.80 2.80 0.50 0.30 0.55 0.05 MAX K- 0.20 - REF: Reference Dimension, usually without tolerance, for information purposes only. BSC: Basic Dimension. Theoretically exact value shown without tolerances. 1. 2. 3. Notes: Pin 1 visual index feature may vary, but must be located within the hatched area. Package is saw singulated Dimensioning and tolerancing per ASME Y14.5M Terminal-to-Exposed-Pad 20-Lead Ultra Thin Plastic Quad Flat, No Lead Package (GZ) - 4x4x0.5 mm Body [UQFN] |