| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS4C2M32SA bảng dữ liệu(PDF) 49 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS4C2M32SA bảng dữ liệu(HTML) 49 Page - Alliance Semiconductor Corporation |
|
49 / 54 page ![]() Figure 39. Random Row Read (Interleaving Banks) (Burst Length=4, CAS# Latency=2) Don’t Care CLK T0 T1 T2 T3 T4 T5 T6 T7 T8 T9 T10 DQ T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22 CKE Activate Command Bank B Read Bank B with Auto Precharge High CS# RAS# CAS# WE# Begin Auto Precharge Bank B Begin Auto Precharge Bank A Begin Auto Precharge Bank B Begin Auto Precharge Bank A BA0,1 RAu RAv RBv RBw RBu CBu RAu CAu RBv CBv RAv CAv RBw DQM tRP tRP Bu0 Au1 Bv0 Bv1 Bv2 Bu1 Au0 Bv3 Av0 Av1 Activate Command Bank A Read Bank A with Auto Precharge Activate Command Bank B Read Bank B with Auto Precharge Activate Command Bank A Read Bank A with Auto Precharge Activate Command Bank B RBu tRP A10 Au2 Au3 Bu2 Bu3 Av2 Av3 A0-A9 AS4C2M32SA-6TIN AS4C2M32SA-6TCN AS4C2M32SA-7TCN Confidential -49/54- Rev.1.0 Sep. 2015 |