| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS4C2M32SA bảng dữ liệu(PDF) 45 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS4C2M32SA bảng dữ liệu(HTML) 45 Page - Alliance Semiconductor Corporation |
|
45 / 54 page ![]() Figure 36.1. Full Page Read Cycle (Burst Length=Full Page, CAS# Latency=2) Don’t Care CLK T0 T1 T2 T3 T4 T5 T6 T7 T8 T9 T10 CS# DQ Activate Cammand Bank A T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22 CKE Hi-Z Read Command Bank A CBx RBy The burst counter wraps from the highest order page address back to zero during this time interval Read Command Bank B Ax Burst Stop Command High RAx RBy RAx RBx CAx Ax+1 Ax-1 Ax Ax+1 Bx Bx+1 Bx+2 Bx+5 Bx+3 Bx+4 Full Page burst operation does not terminate when the burst length is satisfied; the burst counter increments and continues bursting beginning with the starting address Precharge Command Bank B Activate Command Bank B tRP Ax-2 RAS# CAS# WE# BA0,1 RBx Activate Cammand Bank B A10 DQM Ax+2 A0-A9 Bx+6 AS4C2M32SA-6TIN AS4C2M32SA-6TCN AS4C2M32SA-7TCN Confidential -45/54- Rev.1.0 Sep. 2015 |