| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS4C2M32SA bảng dữ liệu(PDF) 47 Page - Alliance Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
AS4C2M32SA bảng dữ liệu(HTML) 47 Page - Alliance Semiconductor Corporation |
|
47 / 54 page ![]() Figure 37. Full Page Write Cycle (Burst Length=Full Page) CLK T0 T1 T2 T3 T4 T5 T6 T7 T8 T9 T10 CS# DQ Activate Cammand Bank A T11 T12 T13 T14 T15 T16 T17 T18 T19 T20 T21 T22 CKE Hi-Z Write Command Bank A A0-A9 CBx RBy The burst counter wraps from the highest order page address back to zero during this time interval Write Command Bank B Burst Stop Command High RAx RBy RAx RBx CAx Full Page burst operation does not terminate when the burst length is satisfied; the burst counter increments and continues bursting beginning with the starting address Precharge Command Bank B Activate Command Bank B RAS# WE# BA0,1 Activate Cammand Bank B CAS# DAx DAx+1 DAx+2 DAx+3 DAx-1 DAx+1 DAx DBx DBx+1 DBx+2 DBx+3 DBx+4 DBx+5 Data is ignored RBx A10 DQM Don’t Care AS4C2M32SA-6TIN AS4C2M32SA-6TCN AS4C2M32SA-7TCN Confidential -47/54- Rev.1.0 Sep. 2015 |