| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASX340CS bảng dữ liệu(PDF) 40 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
ASX340CS bảng dữ liệu(HTML) 40 Page - ON Semiconductor |
|
40 / 74 page ![]() ASX340CS_DS Rev. F Pub. 6/15 EN 40 ©Semiconductor Components Industries, LLC, 2015. ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor Slave Two-Wire Serial Interface Sequential WRITE, Start at Random Location This sequence (Figure 22) starts in the same way as the single WRITE to random location (Figure 21). Instead of generating a no-acknowledge bit after the first byte of data has been transferred, the master generates an acknowledge bit and continues to perform byte writes until “L” bytes have been written. The WRITE is terminated by the master generating a stop condition. Figure 22: Sequential WRITE, Start at Random Location Slave Address 0 S A Reg Address[15:8] Write Data A Reg Address[7:0] A Write Data Previous Reg Address, N Reg Address, M M+1 M+2 M+1 M+3 A AA Write Data Write Data M+L-2 M+L-1 M+L A A P Write Data (15:8) Write Data (7:0) Write Data (15:8) A Write Data (7:0) A A A A Write Data A Write Data (15:8) A Write Data (7:0) A Write Data Write Data (15:8) A Write Data (7:0) |