| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASX340CS bảng dữ liệu(PDF) 45 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
ASX340CS bảng dữ liệu(HTML) 45 Page - ON Semiconductor |
|
45 / 74 page ![]() ASX340CS_DS Rev. F Pub. 6/15 EN 45 ©Semiconductor Components Industries, LLC, 2015. ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor Overlay Character Generator Character Generator The character generator can be seen as the fifth top layer, but instead of getting the source from RLE data in the memory buffers, it has a predefined 16 characters stored in ROM. All the characters are 1-bit depth color and are sharing the same YCbCr look up table. Figure 27: Example of Character Descriptor 0 Stored in ROM It can show a row of up to 22 characters of 16 x 32 pixels resolution (32 x 32 pixels when blended with the BT 656 data). ROM 151413121110 9 8 7 6 5 4 3 2 1 0 0x00 0000000000000000 0x02 0000000000000000 0x04 0000001111000000 0x06 0000011111100000 0x08 0000111111110000 0x0a 0001111001111000 0x0c 0001110000111100 0x0e 0011110000011100 0x10 0011100000011100 0x12 0011100000011110 0x14 0111100000001110 0x16 0111000000001110 0x18 0111000000001110 0x1a 0111000000001110 0x1c 0111000000001110 0x1e 0111000000001110 0x20 0111000000001110 0x22 0111000000001110 0x24 0111000000001110 0x26 0111000000001110 0x28 0011100000001110 0x2a 0011100000011110 0x2c 0011100000011100 0x2e 0011110000011100 0x30 0001110000111000 0x32 0001111001111000 0x34 0000111111110000 0x36 0000011111100000 0x38 0000001111000000 0x3a 0000000000000000 0x3c 0000000000000000 0x3e 0000000000000000 … |