| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ASX340CS bảng dữ liệu(PDF) 56 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
ASX340CS bảng dữ liệu(HTML) 56 Page - ON Semiconductor |
|
56 / 74 page ![]() ASX340CS_DS Rev. F Pub. 6/15 EN 56 ©Semiconductor Components Industries, LLC, 2015. ASX340CS: 1/4-Inch Color CMOS NTSC/PAL Digital Image Sensor Modes and Timing Configuration Timing During start-up, the Dout_LSB0, LV and FV are sampled. Setup and hold timing for the RESET_BAR signal with respect to DOUT_LSB0, LV, and FV are shown in Figure 38 and Table 28. These signals are sampled once by the on-chip firmware, which yields a long t HOLD time. Figure 38: Configuration Timing Table 28: Configuration Timing Signal Parameter Min Typ Max Unit DOUT_LSB0, FRAME_VALID, LINE_VALID t SETUP 0 s t HOLD 50 s tSETUP tHOLD Valid Data RESET_BAR DOUT_LSB0 FRAME_VALID LINE_VALID |