công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CY7C63413-PVC bảng dữ liệu(PDF) 31 Page - Cypress Semiconductor

tên linh kiện CY7C63413-PVC
Giải thích chi tiết về linh kiện  Low-speed USB Peripheral Controller
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CYPRESS [Cypress Semiconductor]
Trang chủ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C63413-PVC bảng dữ liệu(HTML) 31 Page - Cypress Semiconductor

Back Button CY7C63413-PVC Datasheet HTML 27Page - Cypress Semiconductor CY7C63413-PVC Datasheet HTML 28Page - Cypress Semiconductor CY7C63413-PVC Datasheet HTML 29Page - Cypress Semiconductor CY7C63413-PVC Datasheet HTML 30Page - Cypress Semiconductor CY7C63413-PVC Datasheet HTML 31Page - Cypress Semiconductor CY7C63413-PVC Datasheet HTML 32Page - Cypress Semiconductor CY7C63413-PVC Datasheet HTML 33Page - Cypress Semiconductor CY7C63413-PVC Datasheet HTML 34Page - Cypress Semiconductor CY7C63413-PVC Datasheet HTML 35Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
CY7C63411/12/13
CY7C63511/12/13
CY7C63612/13
FOR
FOR
Document #: 38-08027 Rev. **
Page 31 of 36
19.0
Switching Characteristics
Notes:
3.
Functionality is guaranteed of the VCC (1) range, except USB transmitter and DACs.
4.
USB transmitter functionality is guaranteed over the VCC (2) range, as well as DAC outputs.
5.
Per Table 7-7 of revision 1.1 of USB specification, for CLOAD of 50–600 pF.
6.
Port 3 bit 7 controls whether the parts goes into suspend after a POR event or waits 128 ms to begin running.
7.
POR will re-occur whenever VCC drops to approximately 2.5V.
8.
Measured as largest step size vs. nominal according to measured full scale and zero programmed values.
9.
Tratio = Isink1[1:0](n)/Isink0[7:2](n) for the same n, programmed.
10. Total current cumulative across all Port pins flowing to VSS is limited to minimize Ground-Drop noise effects.
11. Irange: Isinkn(15)/ Isinkn(0) for the same pin.
12. Measured at crossover point of differential data signals.
13. Limits total bus capacitance loading (CLOAD) to 400 pF per section 7.1.5 of revision 1.1 of USB specification.
14. DAC I/O Port not bonded out on CY7C63612/13. See note on page 17 for firmware code needed for unused pins.
Ilin
Differential Nonlinearity
0.5
lsb
Any pin (note 8,14)
tsink
Current Sink Response Time
0.8
µs
Full scale transition (note 14)
Tratio
Tracking Ratio DAC[1:0] to DAC[7:2]
14
21
Vout = 2.0V (note 9,14)
Parameter
Description
Min.
Max.
Unit
Conditions
Clock
tCYC
Input Clock Cycle Time
165.0
168.3
ns
tCH
Clock HIGH Time
0.45 tCYC
ns
tCL
Clock LOW Time
0.45 tCYC
ns
USB Driver Characteristics
tr
Transition Rise Time
75
ns
CLoad = 50 pF [4, 5]
tr
Transition Rise Time
300
ns
CLoad = 600 pF [4, 5]
tf
Transition Fall Time
75
ns
CLoad = 50 pF [4, 5]
tf
Transition Fall Time
300
ns
CLoad = 600 pF [4, 5]
trfm
Rise/Fall Time Matching
80
125
%
tr/tf
[4, 5]
Vcrs
Output Signal Crossover Voltage
1.3
2.0
V
[4, 5]
USB Data Timing
tdrate
Low Speed Data Rate
1.4775
1.5225
Mbs
Ave. Bit Rate (1.5 Mb/s ± 1.5%)
tdjr1
Receiver Data Jitter Tolerance
–75
75
ns
To Next Transition [12]
tdjr2
Receiver Data Jitter Tolerance
–45
45
ns
For Paired Transitions [12]
tdeop
Differential to EOP Transition Skew
–40
100
ns
[10]
teopr1
EOP Width at Receiver
330
ns
Rejects as EOP [12]
teopr2
EOP Width at Receiver
675
ns
Accepts as EOP [12]
teopt
Source EOP Width
1.25
1.50
µs
tudj1
Differential Driver Jitter
–95
95
ns
To next transition, Figure 19-5
tudj2
Differential Driver Jitter
–150
150
ns
To paired transition, Figure 19-5
Parameter
Min.
Max.
Unit
Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com