| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GXM bảng dữ liệu(PDF) 226 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
GXM bảng dữ liệu(HTML) 226 Page - National Semiconductor (TI) |
|
226 / 244 page ![]() www.national.com 226 Revision 3.1 Instruction Set (Continued) FCOS Function Evaluation: Cos(x) D9 FF TOS <--- COS(TOS) 92 - 141 1 FDECSTP Decrement Stack pointer D9 F6 Decrement top of stack pointer 4 FDIV Floating Point Divide Top of Stack DC [1111 1 n] ST(n) <--- ST(n) / TOS 24 - 34 80-bit Register D8 [1111 0 n] TOS <--- TOS / ST(n) 24 - 34 64-bit Real DC [mod 110 r/m] TOS <--- TOS / M.DR 24 - 34 32-bit Real D8 [mod 110 r/m] TOS <--- TOS / M.SR 24 - 34 FDIVP Floating Point Divide, Pop DE [1111 1 n] ST(n) <--- ST(n) / TOS; then pop TOS 24 - 34 FDIVR Floating Point Divide Reversed Top of Stack DC [1111 0 n] TOS <--- ST(n) / TOS 24 - 34 80-bit Register D8 [1111 1 n] ST(n) <--- TOS / ST(n) 24 - 34 64-bit Real DC [mod 111 r/m] TOS <--- M.DR / TOS 24 - 34 32-bit Real D8 [mod 111 r/m] TOS <--- M.SR / TOS 24 - 34 FDIVRP Floating Point Divide Reversed, Pop DE [1111 0 n] ST(n) <--- TOS / ST(n); then pop TOS 24 - 34 FIDIV Floating Point Integer Divide 32-bit Integer DA [mod 110 r/m] TOS <--- TOS / M.SI 34 - 38 16-bit Integer DE [mod 110 r/m] TOS <--- TOS / M.WI 34 - 38 FIDIVR Floating Point Integer Divide Reversed 32-bit Integer DA [mod 111 r/m] TOS <--- M.SI / TOS 34 - 38 16-bit Integer DE [mod 111 r/m] TOS <--- M.WI / TOS 34 - 38 FFREE Free Floating Point Register DD [1100 0 n] TAG(n) <--- Empty 4 FINCSTP Increment Stack Pointer D9 F7 Increment top-of-stack pointer 2 FINIT Initialize FPU (9B)DB E3 Wait, then initialize 8 FNINIT Initialize FPU DB E3 Initialize 6 FLD Load Data to FPU Register Top of Stack D9 [1100 0 n] Push ST(n) onto stack 2 64-bit Real DD [mod 000 r/m] Push M.DR onto stack 2 32-bit Real D9 [mod 000 r/m] Push M.SR onto stack 2 FBLD Load Packed BCD Data to FPU Register DF [mod 100 r/m] Push M.BCD onto stack 41 - 45 FILD Load Integer Data to FPU Register 64-bit Integer DF [mod 101 r/m] Push M.LI onto stack 4 - 8 32-bit Integer DB [mod 000 r/m] Push M.SI onto stack 4 - 6 16-bit Integer DF [mod 000 r/m] Push M.WI onto stack 3 - 6 FLD1 Load Floating Const.= 1.0 D9 E8 Push 1.0 onto stack 4 FLDCW Load FPU Mode Control Register D9 [mod 101 r/m] Ctl Word <--- Memory 4 FLDENV Load FPU Environment D9 [mod 100 r/m] Env Regs <--- Memory 30 FLDL2E Load Floating Const.= Log2(e) D9 EA Push Log2(e) onto stack 4 FLDL2T Load Floating Const.= Log2(10) D9 E9 Push Log2(10) onto stack 4 FLDLG2 Load Floating Const.= Log10(2) D9 EC Push Log10(2) onto stack 4 FLDLN2 Load Floating Const.= Ln(2) D9 ED Push Loge(2) onto stack 4 FLDPI Load Floating Const.= π D9 EB Push π onto stack 4 FLDZ Load Floating Const.= 0.0 D9 EE Push 0.0 onto stack 4 FMUL Floating Point Multiply TopofStack DC [11001 n] ST(n)<--- ST(n) × TOS 4 - 9 80-bit Register D8 [1100 1 n] TOS <--- TOS × ST(n) 4 - 9 64-bit Real DC [mod 001 r/m] TOS <--- TOS × M.DR 4 - 8 32-bit Real D8 [mod 001 r/m] TOS <--- TOS × M.SR 4 - 6 FMULP Floating Point Multiply & Pop DE [1100 1 n] ST(n) <--- ST(n) × TOS; then pop TOS 4 - 9 FIMUL Floating Point Integer Multiply 32-bit Integer DA [mod 001 r/m] TOS <--- TOS × M.SI 9 - 11 16-bit Integer DE [mod 001 r/m] TOS <--- TOS × M.WI 8 - 10 Table 9-29. FPU Instruction Set Summary (Continued) FPU Instruction Opcode Operation Clock Count Notes |