| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GXM bảng dữ liệu(PDF) 15 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
GXM bảng dữ liệu(HTML) 15 Page - National Semiconductor (TI) |
|
15 / 244 page ![]() Revision 3.1 15 www.national.com Signal Definitions (Continued) Table 2-2. 352 BGA Pin Assignments - Sorted by Pin Number Pin No. Signal Name A1 VSS A2 VSS A3 AD27 A4 AD24 A5 AD21 A6 AD16 A7 VCC2 A8 FRAME# A9 DEVSEL# A10 VCC3 A11 PERR# A12 AD15 A13 VSS A14 AD11 A15 C/BE0# A16 AD6 A17 VCC2 A18 AD4 A19 AD2 A20 VCC3 A21 AD0 A22 AD1 A23 TEST2 A24 MD2 A25 VSS A26 VSS B1 VSS B2 VSS B3 AD28 B4 AD25 B5 AD22 B6 AD18 B7 VCC2 B8 C/BE2# B9 TRDY# B10 VCC3 B11 LOCK# B12 PAR B13 AD14 B14 AD12 B15 AD9 B16 AD7 B17 VCC2 B18 INTR B19 AD3 B20 VCC3 B21 TEST1 B22 TEST3 B23 MD1 B24 MD33 B25 VSS B26 VSS C1 AD29 C2 AD31 C3 AD30 C4 AD26 C5 AD23 C6 AD19 C7 VCC2 C8 AD17 C9 IRDY# C10 VCC3 C11 STOP# C12 SERR# C13 C/BE1# C14 AD13 C15 AD10 C16 AD8 C17 VCC2 C18 AD5 C19 SMI# C20 VCC3 C21 TEST0 C22 IRQ13 C23 MD32 C24 MD34 C25 MD3 C26 MD35 D1 GNT0# D2 TDI D3 REQ2# D4 VSS D5 C/BE3# D6 VSS D7 VCC2 D8 VSS D9 VSS D10 VCC3 D11 VSS D12 VSS D13 VSS D14 VSS D15 VSS D16 VSS D17 VCC2 D18 VSS Pin No. Signal Name D19 VSS D20 VCC3 D21 VSS D22 MD0 D23 VSS D24 MD4 D25 MD36 D26 TDN E1 GNT2# E2 SUSPA# E3 REQ0# E4 AD20 E23 MD6 E24 TDP E25 MD5 E26 MD37 F1 TDO F2 GNT1# F3 TEST F4 VSS F23 VSS F24 MD38 F25 MD7 F26 MD39 G1 VCC3 G2 VCC3 G3 VCC3 G4 VCC3 G23 VCC3 G24 VCC3 G25 VCC3 G26 VCC3 H1 TMS H2 SUSP# H3 REQ1# H4 VSS H23 VSS H24 MD8 H25 MD40 H26 MD9 J1 FP_VSYNC J2 TCLK J3 RESET J4 VSS J23 VSS J24 MD41 J25 MD10 J26 MD42 Pin No. Signal Name K1 VCC2 K2 VCC2 K3 VCC2 K4 VCC2 K23 VCC2 K24 VCC2 K25 VCC2 K26 VCC2 L1 CLKMODE1 L2 FP_HSYNC L3 SERIALP L4 VSS L23 VSS L24 MD11 L25 MD43 L26 MD12 M1 CLKMODE2 M2 VID_VAL M3 CLKMODE0 M4 VSS M23 VSS M24 MD44 M25 MD13 M26 MD45 N1 VSS N2 PIXEL1 N3 PIXEL0 N4 VSS N23 VSS N24 MD14 N25 MD46 N26 MD15 P1 VID_CLK P2 PIXEL3 P3 PIXEL2 P4 VSS P23 VSS P24 MD47 P25 CASA# P26 SYSCLK R1 PIXEL4 R2 PIXEL5 R3 PIXEL6 R4 VSS R23 VSS R24 WEB# R25 WEA# R26 CASB# Pin No. Signal Name T1 PIXEL7 T2 PIXEL8 T3 PIXEL9 T4 VSS T23 VSS T24 DQM0 T25 DQM4 T26 DQM1 U1 VCC3 U2 VCC3 U3 VCC3 U4 VCC3 U23 VCC3 U24 VCC3 U25 VCC3 U26 VCC3 V1 PIXEL10 V2 PIXEL11 V3 PIXEL12 V4 VSS V23 VSS V24 DQM5 V25 CS2# V26 CS0# W1 PIXEL13 W2 CRT_HSYNC W3 PIXEL14 W4 VSS W23 VSS W24 RASA# W25 RASB# W26 MA0 Y1 VCC2 Y2 VCC2 Y3 VCC2 Y4 VCC2 Y23 VCC2 Y24 VCC2 Y25 VCC2 Y26 VCC2 AA1 PIXEL15 AA2 PIXEL16 AA3 CRT_VSYNC AA4 VSS AA23 VSS AA24 MA1 AA25 MA2 AA26 MA3 Pin No. Signal Name |