| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GXM bảng dữ liệu(PDF) 12 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
GXM bảng dữ liệu(HTML) 12 Page - National Semiconductor (TI) |
|
12 / 244 page ![]() www.national.com 12 Revision 3.1 Architecture Overview (Continued) The CS9210 converts the digital RGB output of the CS5530 I/O companion chip to the digital output suitable for driving a dual-scan color STN (DSTN) flat panel LCD. It connects to the digital RGB output of a GXm processor or 55x0 and drives the graphics data onto a dual-scan flat panel LCD. It can drive all standard dual-scan color STN flat panels up to 1024x768 resolution. Figure 1-3 shows an example of a CS9210 interface in a typical GXm Inte- grated Subsystem. Figure 1-3. CS9210 Interface System Diagram DRAM Data Address Control 13 16 Panel Control 6 24 Panel Data DSTN Pixel Port 24 Pixel Data LCD 18 CS5530 CS9210 DSTN Controller I/O DRAM-B 256Kx16 Bit DRAM-A 256Kx16 Bit Address Control 13 DRAM Data 16 4 Serial Configuration Companion (Control & Data) Geode™ GXm Processor Geode™ Geode™ |