| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
GXM bảng dữ liệu(PDF) 132 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
GXM bảng dữ liệu(HTML) 132 Page - National Semiconductor (TI) |
|
132 / 244 page ![]() www.national.com 132 Revision 3.1 Integrated Functions (Continued) Table 4-26. TFT Panel Display Modes Resolution Simultaneous Colors Refresh Rate (Hz) DOTCLK Rate (MHz) PCLK (MHz) Panel Type Maximum Displayed Colors (Note 1) 640x480 (Note 2) 8 BPP 256 colors out of a palette of 256 60 25.175 25.175 9-bit 573 = 185,193 12-bit 613 = 226,981 18-bit 43 = 262,144 16 BPP 64 K colors 5-6-5 60 25.175 25.175 9-bit 29x57x29 = 47,937 12-bit 31x61x31 = 58,621 18-bit 32x64x32 = 65,535 800x600 (Note 2) 8 BPP 256 colors out of a palette of 256 60 40.0 40.0 9-bit 573 = 185,193 12-bit 613 = 226,981 18-bit 643 = 262,144 16 BPP 64 K Colors 5-6-5 60 40.0 40.0 9-bit 29x57x29 = 47,937 12-bit 31x61x31 = 58,621 18-bit 32x64x32 = 65,535 1024x768 8 BPP 256 colors out of a palette of 256 60 65 32.5 9-bit/18-I/F 573 = 185,193 16 BPP 64 K colors 5-6-5 60 65 32.5 9-bit/18-I/F 29x57x29 = 47,937 Notes: 1) 9-bit and 12-bit panels use FRM and dither to increase displayed colors. (See Section 4.5.6 “Dither and Frame-Rate Modulation” on page 131.) 2) All 640x480 and 800x600 modes can be run in simultaneous display with CRT. |