công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IRGP20B60PD bảng dữ liệu(PDF) 10 Page - International Rectifier

tên linh kiện IRGP20B60PD
Giải thích chi tiết về linh kiện  WARP2 SERIES IGBT WITH ULTRAFAST SOFT RECOVERY DIODE
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

IRGP20B60PD bảng dữ liệu(HTML) 10 Page - International Rectifier

Back Button IRGP20B60PD Datasheet HTML 2Page - International Rectifier IRGP20B60PD Datasheet HTML 3Page - International Rectifier IRGP20B60PD Datasheet HTML 4Page - International Rectifier IRGP20B60PD Datasheet HTML 5Page - International Rectifier IRGP20B60PD Datasheet HTML 6Page - International Rectifier IRGP20B60PD Datasheet HTML 7Page - International Rectifier IRGP20B60PD Datasheet HTML 8Page - International Rectifier IRGP20B60PD Datasheet HTML 9Page - International Rectifier IRGP20B60PD Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRGP20B60PD
10
www.irf.com
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 02/03
Data and specifications subject to change without notice.
This product has been designed and qualified for Industrial market.
Qualification Standards can be found on IR’s Web site.
TO-247AC package is not recommended for Surface Mount Application.
Dimensions are shown in millimeters (inches)
TO-247AC Package Outline
Dimensions in Millimeters and (Inches)
CONFORMS TO JEDEC OUTLINE TO-247AC (TO-3P)
- D -
5.30 (.209)
4.70 (.185)
3.65 (.143)
3.55 (.140)
2.50 (.089)
1.50 (.059)
4
3X
0.80 (.031)
0.40 (.016)
2.60 (.102)
2.20 (.087)
3.40 (.133)
3.00 (.118)
3X
0.25 (.010) M
C A S
4.30 (.170)
3.70 (.145)
- C -
2X
5.50 (.217)
4.50 (.177)
5.50 (.217)
0.25 (.010)
1.40 (.056)
1.00 (.039)
D
M
M
B
- A -
15.90 (.626)
15.30 (.602)
- B -
1
2
3
20.30 (.800)
19.70 (.775)
14.80 (.583)
14.20 (.559)
2.40 (.094)
2.00 (.079)
2X
2X
5.45 (.215)
*
NOTES:
1 DIMENSIONS & TOLERANCING
PER ANSI Y14.5M, 1982.
2 CONTROLLING DIMENSION : INCH.
3 DIMENSIONS ARE SHOWN
MILLIMETERS (INCHES).
4 CONFORMS TO JEDEC OUTLINE
TO-247AC.
LEAD ASSIGNMENTS
1 - GATE
2 - COLLECTOR
3 - EMITTER
4 - COLLECTOR
* LONGER LEADED (20mm)
VERSION AVAILABLE (TO-247AD)
TO ORDER ADD "-E" SUFFIX
TO PART NUMBER
TO-247AC Part Marking Information
GPUÃ8P9@
XXÃ2ÃX@@F
``Ã2Ã`@6S
I‚‡r†)ÃUuv†Ãƒh…‡Ã€h…xvtÃvs‚…€h‡v‚Ãhƒƒyvr†Ã‡‚Ãqr‰vpr†Ãƒ…‚qˆprqÃirs‚…rÃ!!%! …Ãs‚…
@Y6HQG@) UCDTÃDTÃ6IÃDSAQ@"Ã
XDUCÃ6TT@H7G`Ã
GPUÃ8P9@Ã"6 R
6TT@H7G`
GPBP
S@8UDAD@S
DIU@SI6UDPI6G
"6 R
,5)3(
Q6SUÃIVH7@S
``XX
96U@Ã8P9@
("!
ƒh…‡†Ã€hˆshp‡ˆ…rqÃvÃB7
I‚‡r†)ÃUuv†Ãƒh…‡Ã€h…xvtÃvs‚…€h‡v‚Ãhƒƒyvr†Ã‡‚Ãqr‰vpr†Ãƒ…‚qˆprqÃhs‡r…Ã!!%!
@Y6HQG@)
6TT@H7G@9ÃPIÃXXÃ"$Ã!
GPUÃ8P9@Ã$%$&
XDUCÃ6TT@H7G`Ã
UCDTÃDTÃ6IÃDSAQ@"Ã
DIÃUC@Ã6TT@H7G`ÃGDI@ÃÅCÅ
Ã"$C
GPBP
DIU@SI6UDPI6G
S@8UDAD@S
,5)3(
GPUÃ8P9@
6TT@H7G`
$%ÃÃÃÃÃÃÃÃÃÃÃ$&
Q6SUÃIVH7@S
96U@Ã8P9@
`@6SÃÃ2Ã!
X@@FÃ"$
GDI@ÃC



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com