công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RPP40-2412SW bảng dữ liệu(PDF) 5 Page - Recom International Power

tên linh kiện RPP40-2412SW
Giải thích chi tiết về linh kiện  40 Watt 4:1 Ribbed Style Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RECOM [Recom International Power]
Trang chủ  http://www.recom-international.com
Logo RECOM - Recom International Power

RPP40-2412SW bảng dữ liệu(HTML) 5 Page - Recom International Power

  RPP40-2412SW Datasheet HTML 1Page - Recom International Power RPP40-2412SW Datasheet HTML 2Page - Recom International Power RPP40-2412SW Datasheet HTML 3Page - Recom International Power RPP40-2412SW Datasheet HTML 4Page - Recom International Power RPP40-2412SW Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
DC/DC Converter
RPP-5
REV.: 2/2016
www.recom-power.com
in
5
µH 50Ω
LISN
out
rcvr
rcvr
in
5
µH 50Ω
LISN
out
+
-
DC
Power
Source
1m Twisted Pair
50 Ohm temination
Printed Circuit Board
Resistive
Load
Optional Connection
to Earth Ground
50 Ohm input
Filter
(if used)
Computer
EMC
Reciever
DIMENSION AND PHYSICAL CHARACTERISTICS
Parameter
Value
Material (4)
Aluminium
Package Dimension (LxWxH)
50.8 x 30.5 x 12.7mm
Package Weight
39g
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm-up)
RPP40-2412SW
Series
1
2
3
4
5
6
Bottom View
dia. 1.0
45.72
11.68
10.16
5.08
7.62
10.16
10.16
10.16
2.54
30.5
4.06
Sandoff
=1.02
50.8
Dimension Drawing (mm)
Notes:
Note4:
To ensure a good all-round electrical contact, the bottom plate is pressed firmly into place into the aluminium case.The hydraulic press can
leave tooling marks and deformations to both the case and plate. The case is anodised aluminium, so there will be natural variations in the case
colour and the aluminium is not scratch resistant. Any resultant marks, scratches and colour varations are cosmetic only and do not affect the
operation or performance of the converters.
Test Set-up
INSTALLATION
PACKAGING INFORMATION
Parameter
Type
Value
Packaging Dimension (LxWxH)
Tube
160.0 x 55.0 x 20.0mm
Packaging Quantity
4 pcs
Storage Temperature Range
-55°C to +125°C
The product information and specifications are subject to change without prior notice. RECOM products are not authorized for use in safety-critical applications (such as life support) without RECOM’s explicit written
consent. A safety-critical application is defined as an application where a failure of a RECOM product may reasonably be expected to endanger or cause loss of life, inflict bodily harm or damage property. The buyer
shall indemnify and hold harmless RECOM, its affiliated companies and its representatives against any damage claims in connection with the unauthorized use of RECOM products in such safety-critical applications.
Pin Connections
Pin #
Single
1
+Vin
2
-Vin
3
+Vout
4
-Vout
5
Trim
6
CTRL
Tolerance:
±0.5mm



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com