công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RPP40-2412SW bảng dữ liệu(PDF) 2 Page - Recom International Power

tên linh kiện RPP40-2412SW
Giải thích chi tiết về linh kiện  40 Watt 4:1 Ribbed Style Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RECOM [Recom International Power]
Trang chủ  http://www.recom-international.com
Logo RECOM - Recom International Power

RPP40-2412SW bảng dữ liệu(HTML) 2 Page - Recom International Power

  RPP40-2412SW Datasheet HTML 1Page - Recom International Power RPP40-2412SW Datasheet HTML 2Page - Recom International Power RPP40-2412SW Datasheet HTML 3Page - Recom International Power RPP40-2412SW Datasheet HTML 4Page - Recom International Power RPP40-2412SW Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DC/DC Converter
RPP-2
REV.: 2/2016
www.recom-power.com
RPP40-2412SW
Series
PROTECTIONS
Parameter
Condition
Value
Output Power Protection (OPP) (2)
Hiccup Mode
120% typ.
Over Voltage Protection (OVP)
10% load
120% typ.
Over Temperature Protection (OTP)
case temperature
120°C, auto-recovery
Isolation Voltage
I/P to O/P, at 70% RH
I/P to Case, O/P to Case
2250VDC / 1 Minute
1500VDC / 1 Minute
Isolation Resistance
I/P to O/P , at 70% RH
100M
W min.
Isolation Capacitance
I/P to O/P
1500pF typ.
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm-up)
Notes:
Note2:
combines Over Load Protection and Short Circuit Protection
Note3:
This Power Module is not internally fused. A input fuse must be always used. Recommended Fuse: T6.3A
REGULATIONS
Parameter
Condition
Value
Output Voltage Accuracy
50% load
±1.5% max.
Line Voltage Regulation
low line to high line
±0.3% max.
Load Voltage Regulation
10% to 100% load
±0.5% max.
Transient Response
25% load step change,
ΔIo/Δt=2.5A/us
800µs typ.
Transient Peak Deviation
25% load step change,
ΔIo/Δt=2.5A/us
±2%Vout max.
Trimming Output Voltage
±10% typ.
Only the single output converters have a trim function that allows users to adjust the output voltage from +10% to -10%, please refer to
the trim table that follow for details. Adjustment to the output voltage can be used with a simple fixed resistor as shown in Figures 1 and 2.
A single fixed resistor can increase or decrease the output voltage depending on its connection. Resistor should be located close to the converter.
If the trim function is not used, leave the trim pin open.
Trim adjustments higher than the specified range can have an adverse effect on the converter´s performance and are not recommended.
Excessive voltage differences between output voltage sense voltage, in conjunction with trim adjustment of the output voltage; can cause
the OVP circuitry to activate. Thermal derating is based on maximum output current and voltage at the converter´s output pins. Use of
the trim and sense function can cause output voltages to increase, thereby increasing output power beyond the converter´s specified rating.
Therefore: (Vout at Pins) X (Iout)
≤ rated output power.
Trimming Output Voltage
Figure 2. Trim connections to decrease output
voltage using fixed resistors
Figure 1. Trim connections to increase
output voltage using fixed resistors
+VIN
-VIN
CTRL
+VOUT
RTRIMUP
-VOUT
TRIM
LOAD
+VIN
-VIN
CTRL
+VOUT
RTRIMDOWN
-VOUT
TRIM
LOAD
Trim down resistor value (K
W)
Vout
-1%
-2%
-3%
-4%
-5%
-6%
-7%
-8%
-9% -10%
12VDC 270
120
70
45.2 30.1 19.8 12.8 7.52 3.31
0
Trim up resistor value (K
W)
Vout
1%
2%
3%
4%
5%
6%
7%
8%
9%
10%
12VDC 270
120
70
45.2 30.1 19.8 12.8 7.52 3.31
0



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com