công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RPP40-2412SW bảng dữ liệu(PDF) 1 Page - Recom International Power

tên linh kiện RPP40-2412SW
Giải thích chi tiết về linh kiện  40 Watt 4:1 Ribbed Style Single Output
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RECOM [Recom International Power]
Trang chủ  http://www.recom-international.com
Logo RECOM - Recom International Power

RPP40-2412SW bảng dữ liệu(HTML) 1 Page - Recom International Power

  RPP40-2412SW Datasheet HTML 1Page - Recom International Power RPP40-2412SW Datasheet HTML 2Page - Recom International Power RPP40-2412SW Datasheet HTML 3Page - Recom International Power RPP40-2412SW Datasheet HTML 4Page - Recom International Power RPP40-2412SW Datasheet HTML 5Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DC/DC Converter
Specifications (measured @ ta= 25°C, nominal input voltage, full load and after warm-up)
RPP-1
REV.: 2/2016
www.recom-power.com
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Input Voltage Range
9VDC
24VDC
36VDC
Transient Input Voltage
≤100ms
50VDC
Inrush Current
with EMC Filter
without EMC Filter
20A
40A
Under Voltage Lockout
DC-DC ON
DC-DC OFF
8.5VDC
8VDC
Remote ON/OFF
Remote OFF Input Voltage
ON / high logic: Vin>12V
Vin=9-36V
Open
5V
8V
OFF / low logic
Short, 0V
1.2V
Remote OFF Input Current
nominal input
5mA
Start-up Time
when use CTRL function
5ms
20ms
Operating Frequency Range
220kHz
260kHz
300kHz
Efficiency
typ. Vin, full load
87%
88%
Minimum Load
0%
Output Ripple and Noise
20MHz limited, 1µF output MLCC
120mVp-p 180mVp-p
Efficiency vs. Input Voltage
E224736
UL-60950-1 Certified
EN-55022 Certified
40 Watt 4:1
2“ x 1.2“
Ribbed Style
Single Output
3 YEAR
warranty
3
0
30
35
40
45
50
55
10 20
30
40
50
60 70
80 90 100
Load (%)
9
50
60
70
80
90
100
12
15
18
21
24
27
30
33 36
Input Voltage (V)
10
50
60
70
80
90
100
20
30
40
50
60
70
80
90 100
9Vin
24Vin
36Vin
Load (%)
0
30
35
40
45
50
55
10 20
30
40
50
60 70
80 90 100
Load (%)
9
50
60
70
80
90
100
12
15
18
21
24
27
30
33 36
Input Voltage (V)
10
50
60
70
80
90
100
20
30
40
50
60
70
80
90 100
9Vin
24Vin
36Vin
Load (%)
Efficiency vs. Load
Selection Guide
Part
Input
Input
Output
Output
Efficiency
Max. Capacitive
Number
Voltage Range
Current
Voltage
Current
typ.
Load
(VDC)
(mA)
(VDC)
(mA)
(%)
(µF)
RPP40-2412SW
9-36
1920
12
3300
88
1000
Description
The RPP40 series 4:1 input range DC/DC converters are ideal for high end industrial applications and COTS Military
applications where a very wide operating temperature range of -45°C to +115°C is required. Although the case size
is very compact, the converter contains a built-in EMC filter EN-55022 Class B without the need for any external
components. The RPP40 is available in a ribbed case style for active cooling. They are UL-60950-1 certified.
Features
ICE
Technology*
• +115°C Maximum Case Temperature
• -45°C Minimum Case Temperature
• Built-in EMC Filter
• Ribbed Case Style
• 2250VDC Isolation
• Wide 4:1 Input Voltage Range
• Built-in EMC Filter, EN-55022 Class B
RPP40-2412SW
* ICE Technology
ICE (Innovation in Converter Excellence)
uses state-of-the-art techniques to minimise
internal power dissipation and to increase
the internal temperature limits to extend the
ambient operating temperature range to the
maximum.
Notes:
Note1:
Typical values at nominal input voltage and full load.


Số phần tương tự - RPP40-2412SW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Recom International Pow...
RPP40-2412S RECOM-RPP40-2412S Datasheet
152Kb / 4P
40/50 Watt Single Output
More results

Mô tả tương tự - RPP40-2412SW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Recom International Pow...
RPP30-2405S RECOM-RPP30-2405S Datasheet
684Kb / 5P
30 Watt 2:1 Ribbed Style Single Output
RPP30-2412D RECOM-RPP30-2412D Datasheet
636Kb / 5P
30 Watt 2:1 Ribbed Style Dual Output
RPP30-2412S RECOM-RPP30-2412S Datasheet
685Kb / 6P
30 Watt 2:1 Ribbed Style Single Output
RPP30-2424D RECOM-RPP30-2424D Datasheet
637Kb / 5P
30 Watt 2:1 Ribbed Style Dual Output
RPP40-2405SW RECOM-RPP40-2405SW Datasheet
684Kb / 5P
40 Watt 4:1 Ribbed Style Single Output
RPR30-11012S-B RECOM-RPR30-11012S-B Datasheet
615Kb / 6P
30 Watt 4:1 Baseplate Style Single Output
RPR30-11024S-B RECOM-RPR30-11024S-B Datasheet
615Kb / 6P
30 Watt 4:1 Baseplate Style Single Output
RPR50-11005S-B RECOM-RPR50-11005S-B Datasheet
615Kb / 6P
50 Watt 4:1 Baseplate Style Single Output
RPR50-11012S-B RECOM-RPR50-11012S-B Datasheet
615Kb / 6P
50 Watt 4:1 Baseplate Style Single Output
RPR50-11024S-B RECOM-RPR50-11024S-B Datasheet
615Kb / 6P
50 Watt 4:1 Baseplate Style Single Output
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com